Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECHU1563GC9 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECHU1563GC9
Description  Plastic Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECHU1563GC9 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECHU1563GC9 Datasheet HTML 1Page - Panasonic Semiconductor ECHU1563GC9 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
Stacked Metallized PPS Film Chip Capacitor
Type:
ECHU(C)
Stacked metallized PPS film as dielectric with simple
mold-less construction
IFeatures
Small in size
Low loss and excellent frequency characteristics
For reflow soldering
RoHS directive compliant
IRecommended Applications
Time-constant
Filtering
Oscillation and resonance
Resonance circuit for LCD backlight inverter unit
IExplanation of Numbers
123456789
10
11
E
C
H
U
1
Product code
Dielectric &
construction
Rated voltage
Capacitance
C
Cap. Tol. Suffix
Suffix
1
100 VDC
G ±2 %
J
±5 %
9
12 mm
V
16 mm
Tape width
ISpecifications
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
Category temp. range
(Including temperature-rise on unit surface)
−55 ℃ to +105 ℃
100 VDC
0.010 µF to 0.22 µF(E12)
±2 %(G),±5 %(J)
Between terminals : Rated volt. (VDC)150 % 60 s
tan
δ≦0.6 % (20 ℃, 1 kHz)
IR
≧3000 MΩ(20 ℃, 100 VDC, 60 s)
Reflow soldering : 260 ˚C max. and 95 s max. at more than 220 ˚C
(Temp. at cap. Surface)
Rated voltage
Capacitance range
Capacitance tolerance
Withstand voltage
Dissipation factor (tan )
Insulation resistance (IR)
Soldering conditions


Similar Part No. - ECHU1563GC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECHU1563C9 PANASONIC-ECHU1563C9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1563C9 PANASONIC-ECHU1563C9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1563C9 PANASONIC-ECHU1563C9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1563C9 PANASONIC-ECHU1563C9 Datasheet
190Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1563C9 PANASONIC-ECHU1563C9 Datasheet
190Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
More results

Similar Description - ECHU1563GC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com