Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQU2A473MN Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQU2A473MN
Description  Plastic Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQU2A473MN Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQU2A473MN Datasheet HTML 1Page - Panasonic Semiconductor ECQU2A473MN Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
sDimensions in mm (not to scale)
L max.
Marking
L max.
F
±1.25
S
±0.8
Marking
T max.
ød
±0.05
Solder-plated
Copper-clad steel-wire
Type 1
Type 2
(Suffix B)
V
DE
STYLE
A side
B side
1
(0.001to0.039
µF)
2
(0.047 to0.82
µF)
3
(0.1to0.22
µF)
.001
µF K
40/085/21
250V~ X2
ECQ-UN
.047
µF K 250V~
40/085/21 X2
ECQ-UN
LL2 GPF MKT
132400
.1
µF K
40/085/21
250V~ X2
ECQ-UN
V
DE
LL2 GPF MKT
132400
V
DE
LL2 GPF MKT
132400
Date code
Note:Only
±10% as cap.tol. to be marked as “K”
Marking example
sPackaging Specifications for Bulk Package
Packing quantity: 100 pcs./bag
sRating & Dimensions
qCapacitance tolerance :
±10 %(K), ±20 %(M)
Part No.
Cap.
(µF)
Dimensions (mm)
L max
T max
ød
Type-1
Type-2
Type-1
Type-2
H max
FS
ECQU2A102MN( )
0.001
17.0
6.5
13.5
18.5
13.50
10.0
1.5
0.60
ECQU2A122MN( )
0.0012
17.0
7.0
13.5
18.5
13.50
10.0
1.5
0.60
ECQU2A152MN( )
0.0015
17.0
7.0
13.5
18.5
13.50
10.0
1.5
0.60
ECQU2A182MN( )
0.0018
17.0
7.0
14.0
19.0
13.50
10.0
1.5
0.60
ECQU2A222MN( )
0.0022
17.0
6.5
13.5
18.5
13.50
10.0
1.5
0.60
ECQU2A272MN( )
0.0027
17.0
7.0
14.0
19.0
13.50
10.0
1.5
0.60
ECQU2A332MN( )
0.0033
17.0
6.5
13.5
18.5
13.50
10.0
1.5
0.60
ECQU2A392MN( )
0.0039
17.0
7.0
13.5
18.5
13.50
10.0
1.5
0.60
ECQU2A472MN( )
0.0047
17.0
6.5
13.5
18.5
13.50
10.0
1.5
0.60
ECQU2A562MN( )
0.0056
17.0
6.5
13.5
18.5
13.50
10.0
1.5
0.60
ECQU2A682MN( )
0.0068
17.0
7.0
13.5
18.5
13.50
10.0
1.5
0.60
ECQU2A822MN( )
0.0082
17.0
6.5
13.5
18.5
13.50
10.0
1.5
0.60
ECQU2A103MN( )
0.01
17.0
7.0
14.0
19.0
13.50
10.0
1.5
0.60
ECQU2A123MN( )
0.012
17.0
6.5
13.5
18.5
13.50
10.0
1.5
0.60
ECQU2A153MN( )
0.015
17.0
7.0
14.0
19.0
13.50
10.0
1.5
0.60
ECQU2A183MN( )
0.018
19.0
6.5
13.5
18.5
15.50
12.5
1.5
0.60
ECQU2A223MN( )
0.022
19.0
7.0
14.0
19.0
15.50
12.5
1.5
0.60
ECQU2A273MN( )
0.027
19.0
7.5
15.0
20.0
15.50
12.5
1.5
0.60
ECQU2A333MN( )
0.033
19.0
8.0
15.5
20.5
15.50
12.5
1.5
0.60
ECQU2A393MN( )
0.039
25.5
6.5
13.5
18.5
21.50
17.5
1.5
0.60
ECQU2A473MN( )
0.047
25.5
7.0
14.0
19.0
21.50
17.5
1.5
0.60
ECQU2A563MN( )
0.056
25.5
7.5
15.0
20.0
21.50
17.5
1.5
0.60
ECQU2A683MN( )
0.068
25.5
8.5
15.5
20.5
21.50
17.5
1.5
0.60
ECQU2A823MN( )
0.082
25.5
9.0
16.5
21.5
21.50
17.5
1.5
0.80
ECQU2A104MN( )
0.1
30.5
7.5
17.0
22.0
26.50
22.5
1.5
0.80
ECQU2A124MN( )
0.12
30.5
9.0
17.5
22.5
26.50
22.5
1.5
0.80
ECQU2A154MN( )
0.15
30.5
10.0
18.5
23.5
26.50
22.5
1.5
0.80
ECQU2A184MN( )
0.18
30.5
11.0
19.0
24.0
26.50
22.5
1.5
0.80
ECQU2A224MN( )
0.22
30.5
12.0
20.0
25.0
26.50
22.5
1.5
0.80
G max
Suffix for lead crimped or taped type
Cap. tol. code
Mar. 2005


Similar Part No. - ECQU2A473MN

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQU2A473MN PANASONIC-ECQU2A473MN Datasheet
50Kb / 2P
   Interference Suppression Capacitor Metallized Polyester/Polypropylene
ECQU2A473MN PANASONIC-ECQU2A473MN Datasheet
50Kb / 2P
   Interference Suppression Capacitor Metallized Polyester/Polypropylene
More results

Similar Description - ECQU2A473MN

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com