Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32323B7705J030 Datasheet(PDF) 4 Page - EPCOS

Part # B32323B7705J030
Description  Film capacitors - AC capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32323B7705J030 Datasheet(HTML) 4 Page - EPCOS

  B32323B7705J030 Datasheet HTML 1Page - EPCOS B32323B7705J030 Datasheet HTML 2Page - EPCOS B32323B7705J030 Datasheet HTML 3Page - EPCOS B32323B7705J030 Datasheet HTML 4Page - EPCOS B32323B7705J030 Datasheet HTML 5Page - EPCOS B32323B7705J030 Datasheet HTML 6Page - EPCOS B32323B7705J030 Datasheet HTML 7Page - EPCOS B32323B7705J030 Datasheet HTML 8Page - EPCOS B32323B7705J030 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Film capacitors – AC capacitors
Motor run capacitors
B32321/B32323 MotorCap™
Approvals
VDE EN 60252
400 V / 85 °C:
10,000 h (class B)
480 V / 85°C:
3,000 h (class C)
Approved
Approved
UL 810 E183224
250 V
400 V
480 V
Approved
Approved
Approved
FK PC PM AC
July 2007
Please read the important notes,
Page 4 of 9
cautions and warnings.


Similar Part No. - B32323B7705J030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32323 EPCOS-B32323 Datasheet
198Kb / 6P
   AC Film Capacitors Motor Run UL Series - Construction Only
More results

Similar Description - B32323B7705J030

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
logo
EPCOS
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
   Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
   Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
   Film Capacitors – AC Capacitors
May 2022
logo
EPCOS
B32327C1155J013 EPCOS-B32327C1155J013 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32335B4020J050 EPCOS-B32335B4020J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32330B1405J050 EPCOS-B32330B1405J050 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com