Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7802-2000 Datasheet(PDF) 4 Page - CUI INC

Part # V7802-2000
Description  DC SWITCHING REGULATOR, NON-ISOLATED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

V7802-2000 Datasheet(HTML) 4 Page - CUI INC

  V7802-2000 Datasheet HTML 1Page - CUI INC V7802-2000 Datasheet HTML 2Page - CUI INC V7802-2000 Datasheet HTML 3Page - CUI INC V7802-2000 Datasheet HTML 4Page - CUI INC V7802-2000 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
06/2010
4 of 5
DC SWITCHING REGULATOR,
NON-ISOLATED
V78XX-2000
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
INPUT FILTER CIRCUIT
Vin
GND
10uF
10u H -4 7u H
1 0uF
Vin
Vo
GND
Vout
GND
OUTPUT FILTER CIRCUIT
Vin
GND
10uF
10uH -4 7uH
22uF
Vin
Vo
GND
10uF
R L
EMC RECOMMENDED CIRCUIT
Vin
GND
2.2 uF
1mH
1u F
Vin
Vo
GND
1mH
330 uF
Vout
GND


Similar Part No. - V7802-2000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V7802-2000 CUI-V7802-2000 Datasheet
653Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V7802-2000 CUI-V7802-2000 Datasheet
765Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V7802-2000 CUI-V7802-2000 Datasheet
765Kb / 6P
   pin compatible to LM78XX linear regulators
V7802-2000 CUI-V7802-2000 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
More results

Similar Description - V7802-2000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V7802-1500 CUI-V7802-1500 Datasheet
760Kb / 5P
   DC SWITCHING REGULATOR, NON-ISOLATED
V78XX-500-SMT CUI-V78XX-500-SMT Datasheet
499Kb / 5P
   DC switching regulator, non-isolated
V78E-500-SMT CUI-V78E-500-SMT Datasheet
1Mb / 10P
   NON-ISOLATED DC SWITCHING REGULATOR
VXO78-500-M CUI-VXO78-500-M Datasheet
2Mb / 6P
   NON-ISOLATED DC SWITCHING REGULATOR
09/17/2021
V78E-1000-SMT CUI-V78E-1000-SMT_V01 Datasheet
4Mb / 9P
   NON-ISOLATED DC SWITCHING REGULATOR
06/09/2021
VXO78-500 CUI-VXO78-500_V01 Datasheet
3Mb / 7P
   NON-ISOLATED DC SWITCHING REGULATOR
09/14/2021
VX78-1000R CUI-VX78-1000R Datasheet
2Mb / 6P
   NON-ISOLATED DC SWITCHING REGULATOR
09/21/2021
VX78-1000 CUI-VX78-1000 Datasheet
933Kb / 8P
   NON-ISOLATED DC SWITCHING REGULATOR
V78XX-500 CUI-V78XX-500 Datasheet
410Kb / 6P
   DC switching regulator, non-isolated
P78E-1000 CUI-P78E-1000 Datasheet
1Mb / 8P
   NON-ISOLATED DC SWITCHING REGULATOR
V78E-500-SMT CUI-V78E-500-SMT_V01 Datasheet
3Mb / 9P
   NON-ISOLATED DC SWITCHING REGULATOR
03/02/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com