Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTVF16859 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SSTVF16859
Description  13-bit 1 : 2 SSTL_2 registered buffer for DDR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTVF16859 Datasheet(HTML) 3 Page - NXP Semiconductors

  SSTVF16859 Datasheet HTML 1Page - NXP Semiconductors SSTVF16859 Datasheet HTML 2Page - NXP Semiconductors SSTVF16859 Datasheet HTML 3Page - NXP Semiconductors SSTVF16859 Datasheet HTML 4Page - NXP Semiconductors SSTVF16859 Datasheet HTML 5Page - NXP Semiconductors SSTVF16859 Datasheet HTML 6Page - NXP Semiconductors SSTVF16859 Datasheet HTML 7Page - NXP Semiconductors SSTVF16859 Datasheet HTML 8Page - NXP Semiconductors SSTVF16859 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
9397 750 15157
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 19 July 2005
3 of 23
Philips Semiconductors
SSTVF16859
13-bit 1 : 2 SSTL_2 registered buffer for DDR
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Fig 1.
Logic diagram of SSTVF16859
002aab621
1D
R
Q1A
Q1B
C1
D1
to 12 other channels
CK
VREF
CK
RESET
SSTVF16859
Fig 2.
Pin configuration for HVQFN56
002aab618
SSTVF16859BS
Transparent top view
D4
Q9B
Q8B
D5
Q10B
D6
Q11B
VREF
Q12B
VDD
VDDQ
VDDQ
Q13B
CK
Q1A
CK
Q2A
GND
Q3A
RESET
Q4A
D7
Q5A
D8
Q6A
D9
Q7A
D10
14
29
13
30
12
31
11
32
10
33
9
34
8
35
7
36
6
37
5
38
4
39
3
40
2
41
1
42
terminal 1
index area


Similar Part No. - SSTVF16859

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTVF16859 PHILIPS-SSTVF16859 Datasheet
129Kb / 15P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 12
logo
Texas Instruments
SSTVF16859 TI1-SSTVF16859 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
NXP Semiconductors
SSTVF16859BS PHILIPS-SSTVF16859BS Datasheet
129Kb / 15P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 12
SSTVF16859DGG PHILIPS-SSTVF16859DGG Datasheet
129Kb / 15P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 12
SSTVF16859EC PHILIPS-SSTVF16859EC Datasheet
129Kb / 15P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 12
More results

Similar Description - SSTVF16859

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTVF16859 PHILIPS-SSTVF16859 Datasheet
129Kb / 15P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 12
SSTVN16859 PHILIPS-SSTVN16859 Datasheet
116Kb / 11P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 15
logo
Renesas Technology Corp
HD74SSTV16859 RENESAS-HD74SSTV16859 Datasheet
3Mb / 11P
   1:2 13-bit SSTL_2 Registered Buffer
logo
NXP Semiconductors
SSTV16859 PHILIPS-SSTV16859 Datasheet
124Kb / 14P
   2.5 V 13-bit to 26-bit SSTL_2 registered buffer for stacked DDR DIMM
2002 Feb 19
logo
Renesas Technology Corp
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
logo
Texas Instruments
SN74SSTL16857 TI-SN74SSTL16857 Datasheet
93Kb / 7P
[Old version datasheet]   14-BIT SSTL_2 REGISTERED BUFFER
logo
Integrated Circuit Syst...
ICSSSTVA16859B ICST-ICSSSTVA16859B Datasheet
130Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVA16859C IDT-ICSSSTVA16859C Datasheet
293Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com