Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECEV10G0R1P Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECEV10G0R1P
Description  Aluminum Electrolytic Capacitor/V-G
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEV10G0R1P Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECEV10G0R1P Datasheet HTML 1Page - Panasonic Semiconductor ECEV10G0R1P Datasheet HTML 2Page - Panasonic Semiconductor ECEV10G0R1P Datasheet HTML 3Page - Panasonic Semiconductor ECEV10G0R1P Datasheet HTML 4Page - Panasonic Semiconductor ECEV10G0R1P Datasheet HTML 5Page - Panasonic Semiconductor ECEV10G0R1P Datasheet HTML 6Page - Panasonic Semiconductor ECEV10G0R1P Datasheet HTML 7Page - Panasonic Semiconductor ECEV10G0R1P Datasheet HTML 8Page - Panasonic Semiconductor ECEV10G0R1P Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ñ EE3 Ñ
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
Aluminum Electrolytic Capacitor/V-G
V
Series:
G
Type :
-40 to + 105
°C
6.3 to 50 V .DC
0.1 to 470 µ F
± 20 % (120Hz/+20
°C)
I
< 0.01 CV or 3 (µ A) after 2 minutes (Whichever is the greater)
22
50 G
W.V.
tan
δ
6.3
10
16
25
35
50
0.30 0.22 0.16
0.14 0.12 0.12
( Impedance ratio at 120 Hz)
W.V. (V)
6.3
10
16
25
35
50
-25 / +20
°C
4
3
2
2
2
2
-40 / +20
°C
8
6
4
4
3
3
E
C
E
V
G
Discontinued
Surface Mount Type
s
Features
Endurance :105
°C 1000 h
s
Specification
Operating temp. range
Rated W.V. range
Nominal cap. range
Capacitance tol.
DC leakage current
tan
δ
(120Hz / +20
°C)
Characteristics
at Low Temperature
Endurance
Shelf life
Resistance to
Soldering Heat
sExplanation of Part Number
Common code
Shape
W.V. code
Series code
Capacitance code
Suffix
s Marking
Example : 50V22µF
Rated voltage (V.DC)
(-): Negative polarity
marking
Capacitance (µF)
Series identification
s Dimensions in mm (not to scale)
After applying rated working voltage for 1000 hours at +105 ± 2
°C, and then being atabilized at
+20
°C, capacitors shall meet following limits.
After storage for 1000 hours at +105 ±2
°C with no voltage applied and then being stabilized
at +20
°C, capacitor shall meet the limits specified in “Endurance”.
Capacitance change
tan
δ
DC leakage current
< ±10% of initial measured value
< initial specified value
< initial specified value
Capacitance change
tan
δ
DC leakage current
< ±20% of initial measured value
< 200% of initial specified value
< initial specified value
After reflow soldering (230
°C of peak temperature and reflow time less than 20 seconds.) and
then being stabilized at 20
°C, capacitor shall meet the following limits, (Infrared ray oven is also
available.)
R
P
P
W=12 mm
W=16 mm
W=24 mm
φ4(B)
φ5,φ6.3,φ8x6.2(C,D,E)
φ8x10.2, φ10x10.2(F,G)
Taping
(mm)
( ) reference size
0.3 max
w
L+0.1
@A±0.2
E,F,G= L ±0.3
-0.2
D
L
A
H
I
W
P
K
Size
code
B
C
D
E
F
G
-0.20 to +0.15
±0.2
±0.2
-0.20 to +0. 15
4.0 5.4
4.3 5.5 MAX
1.8
0.65 ±0.1 1.0 0.35
5.0 5.4
5.3 6.5MAX
2.2
0.65±0.1 1.5
0.35
6.3 5.4
6.6 7.8MAX
2.6 0.65± 0.1 1.8 0.35
8.0
6.2
8.3 9.5MAX
3.4
0.65±0.1 2.2 0.35
8.0 10.2 8.3 10.0MAX 3.4 0.90±0.2 3.1 0.70
10.0 10.2 10.3 12.0MAX 3.5
0.90±0.2 4.6
0.70
-0.20 to +0.15
-0.20 to +0.15
Mar. 2005


Similar Part No. - ECEV10G0R1P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEV1AA100NR PANASONIC-ECEV1AA100NR Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECEV1AA330NP PANASONIC-ECEV1AA330NP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECEV1CA100NR PANASONIC-ECEV1CA100NR Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECEV1CA220NP PANASONIC-ECEV1CA220NP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECEV1CA4R7NR PANASONIC-ECEV1CA4R7NR Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
More results

Similar Description - ECEV10G0R1P

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com