Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EECEP0E333A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EECEP0E333A
Description  Electric Double Layer Capacitors (Gold Capacitor)/ EP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EECEP0E333A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EECEP0E333A Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Electric Double Layer Capacitors (Gold Capacitor)/ EP
0
±0.15
φ3.8 max.
2.0
±0.1
+
-
1.5
±0.1
1.5 Max.
Features
● Miniaturized : Dia3.8
height 1.5 mm max.
● Reflow soldering method available (260 °C)
● RoHS directive compliant
Surface Mount Type
Series:
EP
Specifications
Category Temp. Range
–10 °C to +60 °C
Maximum Operating Voltage
2.6 V DC
3.3 V DC
Capacitance
0.033 F +80 %/–20 %
Maximum Operating Current
5 µA
Stability at low and
high tmperature
Lower category temp. (–10 °C)
Upper category temp. (+60 °C)
Capacitance change
±30 % of initial measured value at 20 °C
±30 % of initial measured value at 20 °C
Internal resistance
<10 times of initial measured value at 20 °C
<Initial measured value at 20 °C
Endurance
After 500 hours application of 2.6 V at +60 °C
After 250 hours application of 3.3 V at +60 °C
Capacitance change ±30 % of initial measured value at 20 °C Capacitance change ±30 % of initial measured value at 20 °C
Internal resistance
2 k
or less
Internal resistance
4 k
or less
Shelf Life
After 500 hours strage at +60 °C without load (voltage)
Capacitance change
±30 % of initial measured value at 20 °C
Internal resistance
1 k
or less
Dimensions in mm(not to scale)
Recommended Applications
● Mobile phones, PDAs
● RTC backup
Standard Products
Maximum
Operating
Voltage
Capacitance
Internal
resistance
Maximum
discharging
current
Part number
Mass
Min. Packaging
Q’ty
(V.DC)
(F)
( ) at 1kHz
(µA)
(g)
Reel (pcs)
2.6
0.033
<350
5
EECEP0E333A
0.06
4000
3.3
EECEP0F333A
The re-flow condition / taping dimensions are explained on P197, 198 of our catalog.
( ): Please use AK,RK or J2 to indicate terminal type.
Note : 1. Do not use reflow soldering when cell voltage is above 0.3 V.
2. When the capacitor is being used in a high temperature and high humidity environment for a long period, and will not affect any
electrical characteristics of the capacitor.
3: EP series is a small capacitor that developed for the RTC backup of cellular phone. Therefore, there isa a possibility that it will
not be able to back up in short time depend on using condition. Please contact us before you use it
Jan. 2008


Similar Part No. - EECEP0E333A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EECEN0F204 PANASONIC-EECEN0F204 Datasheet
58Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ EN
EECEN0F204 PANASONIC-EECEN0F204 Datasheet
58Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECEN0F204 PANASONIC-EECEN0F204 Datasheet
283Kb / 1P
   Electric Double Layer Capa citors (Gold Capacitor) / EN
More results

Similar Description - EECEP0E333A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EECF5R5H104N PANASONIC-EECF5R5H104N Datasheet
44Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECRG0V224HN PANASONIC-EECRG0V224HN Datasheet
216Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
ABC0000CE19 PANASONIC-ABC0000CE19 Datasheet
58Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECRG0V224H PANASONIC-EECRG0V224H Datasheet
216Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
EECS0HD224H PANASONIC-EECS0HD224H Datasheet
213Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
EECF5R5U224N PANASONIC-EECF5R5U224N Datasheet
42Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECS0HD224N PANASONIC-EECS0HD224N Datasheet
44Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECSE0H224N PANASONIC-EECSE0H224N Datasheet
52Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECS5R5H474N PANASONIC-EECS5R5H474N Datasheet
212Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
EECRF0H104N PANASONIC-EECRF0H104N Datasheet
43Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com