Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECCT3G330JG Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECCT3G330JG
Description  High Voltage Ceramic Capacitors (SMD)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECCT3G330JG Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECCT3G330JG Datasheet HTML 1Page - Panasonic Semiconductor ECCT3G330JG Datasheet HTML 2Page - Panasonic Semiconductor ECCT3G330JG Datasheet HTML 3Page - Panasonic Semiconductor ECCT3G330JG Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
High Voltage Ceramic Capacitors (SMD)
Not loaded
40 mm min.
Not loaded
20 mm min.
Leader tape
400 mm min.
Chip component position
● Leader Part and Taped End
Rated VoltagePart Number
Capacitance (pF)
Cap. Tolerance (%)
Temp. Char
Style
5 kVDC
ECCT3H050DGM
5±0.5 pF
SL/GP
Style 2
ECCT3H100JGM
10
±5
SL/GP
ECCT3H120JGM
12
±5
SL/GP
ECCT3H150JGM
15
±5
SL/GP
ECCT3H180JGM
18
±5
SL/GP
ECCT3H220JGM
22
±5
SL/GP
ECCT3H270JGM
27
±5
SL/GP
ECCT3H050DGY
5±0.5 pF
SL/GP
Style 4
ECCT3H080DGY
8±0.5 pF
SL/GP
ECCT3H100JGY
10
±5
SL/GP
ECCT3H120JGY
12
±5
SL/GP
ECCT3H150JGY
15
±5
SL/GP
4 kVDC
ECCT3G100DG2
10
±0.5 pF
SL/GP
Style 3
ECCT3G120JG2
12
±5
SL/GP
ECCT3G150JG2
15
±5
SL/GP
ECCT3G180JG2
18
±5
SL/GP
ECCT3G220JG2
22
±5
SL/GP
ECCT3G270JG2
27
±5
SL/GP
ECCT3G330JG
33
±5
SL/GP
Style 1
ECCT3G390JG
39
±5
SL/GP
ECCT3G470JG
47
±5
SL/GP
3 kVDC
ECCT3F100DG2
10
±0.5 pF
SL/GP
Style 3
ECCT3F120JG2
12
±5
SL/GP
ECCT3F150JG2
15
±5
SL/GP
ECCT3F180JG2
18
±5
SL/GP
ECCT3F220JG2
22
±5
SL/GP
ECCT3F270JG2
27
±5
SL/GP
ECCT3F330JG2
33
±5
SL/GP
ECCT3F390JG
39
±5
SL/GP
Style 1
ECCT3F470JG
47
±5
SL/GP
ECCT3F560JG
56
±5
SL/GP
2 kVDC
ECCT3D680JG
68
±5
SL/GP
ECKT3D101KB
100
±10
B/Y5P
ECKT3D121KB
120
±10
B/Y5P
ECKT3D151KB
150
±10
B/Y5P
ECKT3D181KB
180
±10
B/Y5P
ECKT3D221KB
220
±10
B/Y5P
ECKT3D271KB
270
±10
B/Y5P
ECKT3D331KB
330
±10
B/Y5P
1 kVDC
ECKT3A391KB
390
±10
B/Y5P
ECKT3A471KB
470
±10
B/Y5P
Ratings and Characteristics
● Rated Voltage 1 to 5 kVDC
Notes
✽ This part number indicates taped type.
✽ Capacitance 9 pF or under is available by special order.
Sep. 2006


Similar Part No. - ECCT3G330JG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECCT3G330JG PANASONIC-ECCT3G330JG Datasheet
263Kb / 4P
   High Voltage Ceramic Capacitors For Surface Mounting 1 to 5 kVDC
ECCT3G330JG PANASONIC-ECCT3G330JG Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors For Surface Mounting 1 to 5 kVDC
ECCT3G330JG PANASONIC-ECCT3G330JG Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
More results

Similar Description - ECCT3G330JG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-T3A471KB PANASONIC-ECK-T3A471KB Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
logo
TDK Electronics
C3216C0G2J101J TDK-C3216C0G2J101J Datasheet
221Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
C2012JB2E102K TDK-C2012JB2E102K Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
CD85-B2GA471KYGKA TDK-CD85-B2GA471KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com