Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41896C6188M000 Datasheet(PDF) 7 Page - EPCOS

Part # B41896C6188M000
Description  Single-ended capacitors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41896C6188M000 Datasheet(HTML) 7 Page - EPCOS

Back Button B41896C6188M000 Datasheet HTML 3Page - EPCOS B41896C6188M000 Datasheet HTML 4Page - EPCOS B41896C6188M000 Datasheet HTML 5Page - EPCOS B41896C6188M000 Datasheet HTML 6Page - EPCOS B41896C6188M000 Datasheet HTML 7Page - EPCOS B41896C6188M000 Datasheet HTML 8Page - EPCOS B41896C6188M000 Datasheet HTML 9Page - EPCOS B41896C6188M000 Datasheet HTML 10Page - EPCOS B41896C6188M000 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
125
°C
mA
IAC,max
100 kHz
105
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (from d
× l = 10 × 20 mm to 18 × 40 mm, excluding 12.5 × 30/40 mm)
002 = for cut leads, bulk (excluding 12.5
× 30/40 mm)
003 = for crimped leads, blister (from d
× l = 16 × 20 mm to 18 × 40 mm)
004 = for J leads, blister (from d
× l = 10 × 20 mm to 18 × 35 mm, excluding 12.5 × 30/40 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 10 × 20 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 16 V DC
820
10
× 20
0.592
0.262
0.074
0.062
1205
1566
B41896C4827M***
1000
12.5
× 20
0.484
0.215
0.061
0.055
1820
2366
B41896C4108M***
1200
12.5
× 20
0.484
0.179
0.061
0.055
1820
2366
B41896C4128M***
1500
12.5
× 25
0.285
0.143
0.041
0.038
2280
2964
B41896C4158M***
1800
12.5
× 25
0.285
0.119
0.041
0.038
2280
2964
B41896C4188M***
2200
12.5
× 30
0.238
0.109
0.030
0.026
2860
3718
B41896C4228M***
2200
16
× 20
0.299
0.109
0.037
0.034
2280
2964
B41896D4228M***
2700
16
× 25
0.238
0.089
0.030
0.026
2860
3718
B41896C4278M***
2700
18
× 20
0.273
0.089
0.034
0.031
2490
3237
B41896D4278M***
3300
16
× 31.5 0.185
0.080
0.023
0.022
3160
4108
B41896C4338M***
3900
16
× 31.5 0.185
0.068
0.023
0.022
3160
4108
B41896C4398M***
4700
18
× 31.5 0.178
0.060
0.022
0.021
3500
4550
B41896C4478M***
5600
18
× 35
0.178
0.056
0.022
0.019
3840
4992
B41896C4568M***
6800
18
× 40
0.150
0.050
0.019
0.016
4230
5499
B41896C4688M***
B41896
Up to 135
°C
Page 7 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41896C6188M000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41896C6188M000 TDK-B41896C6188M000 Datasheet
62Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41896C6188M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com