Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECEV25GR22R Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECEV25GR22R
Description  Aluminum Electrolytic Capacitor/V-G
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEV25GR22R Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECEV25GR22R Datasheet HTML 1Page - Panasonic Semiconductor ECEV25GR22R Datasheet HTML 2Page - Panasonic Semiconductor ECEV25GR22R Datasheet HTML 3Page - Panasonic Semiconductor ECEV25GR22R Datasheet HTML 4Page - Panasonic Semiconductor ECEV25GR22R Datasheet HTML 5Page - Panasonic Semiconductor ECEV25GR22R Datasheet HTML 6Page - Panasonic Semiconductor ECEV25GR22R Datasheet HTML 7Page - Panasonic Semiconductor ECEV25GR22R Datasheet HTML 8Page - Panasonic Semiconductor ECEV25GR22R Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Aluminum Electrolytic Capacitor
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE18 –
1.3 Common Application Conditions to Avoid
The following misapplication load conditions will
cause rapid deter ioration to capacitor electr ical
par ameters. l n addition, rapid heating and gas
generation within the capacitor can occur causing
the pressure relief vent to operate and resuItant
leakage of electrolyte. Under extreme conditions,
explosion and fire could result. Leakinq electrolyte
is combustible and electrically conductive.
(1) Reverse Voltaqe
DC capacitors have polarity. Verify correct polarity
before inser tion. For circuits with changing or
uncer tain polarity,use DC bipolar capacitors. DC
bipolar capacitors are not suitable for use in AC
circuits.
(2) Charqe/Discharqe Applications
Standard capacitors are not suitable for use in
repeating charge/discharge applications. Fo r
charqe/discharqe applications consult us and advise
actual conditions.
(3) Overvoltage
Do not appIy voltaqes exceeding the maximum
specified rated voltages. Voltage up to the surge
voltage rating are acceptable for shor t periods of
time. Ensure that the sum of the DC voltage and
the super imposed AC r ipple voltage does not
exceed the rated voltage.
(4) Ripple Current
Do not apply ripple currents exceeding the maximum
specified value. For high ripple current applications,
use a capacitor designed for high rippIe currents
or contact us with your requirements.
Ensure that allowable ripple currents superimposed
on low DC bias voltages do not cause reverse voltage
conditions.
1.4 Using Two or More Capacitors in Series
or Parallel
(1) Capacitors Connected in Parallel
The circuit resistance can closely approximate the
ser ies resistance of the capacitor causing an
imbalance of r ipple current loads w i t h in the
capacitors. Careful design of wiring methods can
minimize the possibility of excessive ripple currents
applied to a capacitor.
(2) Capacitors Connected in Series
Nor mal DC leakage curren t differences among
capacitors can cause voltage imbalances. The use
of voltage divider shunt resistors with consideration
to leakage currents, can prevent capacitor voltage
imbaIances.
1.5 Capacitor Mounting Considerations
(1) DoubIe - Sided Circuit Boards
Avoid wir ing Patter n r uns which pass between
the mounted capacitor and the circuit board. When
dipping into a solder bath, excess solder may collect
under the capacitor b y capillar y action and
shortcircuit the anode and cathode terminals.
(2) Circuit Board Hole Positioning
The vinyl sleeve of the capacitor can be damaged
if solder passes through a lead hole f o r
subsequently processed parts. Special care when
locating hole positions in proximity to capacitors is
recommended.
(3) Circuit Board Hole Spacing
The circuit board holes spacing should match the
capacitor lead wire spacing within the specified
tolerances. Incorrect spacing can cause excessive
lead wire stress during the insertion process. This
may resuIt in premature capacitor failure due to
short or open circuit, increased leakage current,
or electrolyte leakage.
(4)Land/Pad Pattern
The circuit board land/pad pattern size for chip
capacitors is specified in the following table.
[ Table of Board Land Size vs. Capacitor Size ]
Among others, when the size a is wide , back fillet can
not be made, decreasing fitting strength.
h Decide considering mounting condition, solderability
and fitting strength, etc. based on the design
standards of your company.
b
a
b
c
Board land part
Size
A(
φ3)
B(
φ4)
C(
φ5)
D(
φ6.3)
E(
φ8 x 6.2L)
F(
φ8 x 10.2L)
G(
φ10 x 10.2L)
a
0.6
1.0
1.5
1.8
2.2
3.1
4.6
b
2.2
2.5.
2.8
3.2
4.0
4.0
4.1
c
1.5
1.6
1.6
1.6
1.6
2.0
2.0
(mm)
Mar. 2005


Similar Part No. - ECEV25GR22R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEV0GA101SR PANASONIC-ECEV0GA101SR Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECEV0GA221SP PANASONIC-ECEV0GA221SP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECEV0GA330SR PANASONIC-ECEV0GA330SR Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECEV0GA331WP PANASONIC-ECEV0GA331WP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECEV0GA470SR PANASONIC-ECEV0GA470SR Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
More results

Similar Description - ECEV25GR22R

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com