Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECCT3H100JGM Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECCT3H100JGM
Description  High Voltage Ceramic Capacitors (SMD)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECCT3H100JGM Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECCT3H100JGM Datasheet HTML 1Page - Panasonic Semiconductor ECCT3H100JGM Datasheet HTML 2Page - Panasonic Semiconductor ECCT3H100JGM Datasheet HTML 3Page - Panasonic Semiconductor ECCT3H100JGM Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
High Voltage Ceramic Capacitors (SMD)
500
1000
5000
10
50
100
500
22pF
33pF
47pF
10pF
3000
2000
700
300
200
20
30
70
200 300
Frequency (kHZ)
500
1000
5000
10
50
100
500
22pF
33pF
47pF
10pF
3000
2000
700
300
200
20
30
70
200 300
Frequency (kHZ)
500
1000
5000
10
50
100
500
22pF
10pF
3000
2000
700
300
200
20
30
70
200 300
Frequency (kHZ)
–15
–10
–5
0
+5
+10
–20
0
20
40
60
80
100
120
Temperature (˚C)
+10
0
– 10
Temperature (˚C)
– 20
0
20
40
60
80
100
5
10
15
20
25
020
406080
100
120
ambient temperature (˚C)
3to5kV,10to47pF
Lamp
2kV,100 to 330 pF
1kV/2kV,100 to 470 pF
AC
In put
DC
Out put
Type BC or Type FC 1000 to 4700 pF
Typical Characteristics
● Temperature Characteristics
Char. SL/GP
(Temp.Coeff.:+350 to –1000 ppm/°C)
Char. B/Y5P
Temp.Range:–25 to 85 °C
max.Cap.Change:±10 %
(
)
● Characteristics of Voltage-Frequency
Rated Voltage 3 kVDC
Rated Voltage 4 kVDC
Rated Voltage 5 kVDC
Application Examples
● LCD Backlighting Inverter
● Primary circuit and Snubber circuit of
Switching Power Supply
Permission self generation of heat temperature
vs. ambient temperature
The graphs above show the maximum permissable voltage
when using a capacitor with an AC sine wave voltage.
When measuring this voltage in room temperature (25 °C), the
capacitor self-heat generation will rise a maximum of 20 °C.
When using a pulse voltage or an AC voltage other than a sine
wave, confirm that the capacitor self-heat generation is less
than 20 °C in an ambient room temperature of 25 °C.
The self-heat generation temperature is the difference between
the surface temperature and the ambient room temperature.
As for the situation when the self-heat generation temperature is
more than 25 °C, refer to the figure on the right.
Feb. 2006


Similar Part No. - ECCT3H100JGM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECCT3H100JGM PANASONIC-ECCT3H100JGM Datasheet
263Kb / 4P
   High Voltage Ceramic Capacitors For Surface Mounting 1 to 5 kVDC
ECCT3H100JGM PANASONIC-ECCT3H100JGM Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors For Surface Mounting 1 to 5 kVDC
ECCT3H100JGM PANASONIC-ECCT3H100JGM Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
More results

Similar Description - ECCT3H100JGM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-T3A471KB PANASONIC-ECK-T3A471KB Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
logo
TDK Electronics
C3216C0G2J101J TDK-C3216C0G2J101J Datasheet
221Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
C2012JB2E102K TDK-C2012JB2E102K Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
CD85-B2GA471KYGKA TDK-CD85-B2GA471KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com