Electronic Components Datasheet Search |
|
ECEV6.3GR22R Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ECEV6.3GR22R Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 9 page Ñ EE3 Ñ Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail. Aluminum Electrolytic Capacitor/V-G V Series: G Type : -40 to + 105 °C 6.3 to 50 V .DC 0.1 to 470 µ F ± 20 % (120Hz/+20 °C) I < 0.01 CV or 3 (µ A) after 2 minutes (Whichever is the greater) 22 50 G W.V. tan δ 6.3 10 16 25 35 50 0.30 0.22 0.16 0.14 0.12 0.12 ( Impedance ratio at 120 Hz) W.V. (V) 6.3 10 16 25 35 50 -25 / +20 °C 4 3 2 2 2 2 -40 / +20 °C 8 6 4 4 3 3 E C E V G Discontinued Surface Mount Type s Features Endurance :105 °C 1000 h s Specification Operating temp. range Rated W.V. range Nominal cap. range Capacitance tol. DC leakage current tan δ (120Hz / +20 °C) Characteristics at Low Temperature Endurance Shelf life Resistance to Soldering Heat sExplanation of Part Number Common code Shape W.V. code Series code Capacitance code Suffix s Marking Example : 50V22µF Rated voltage (V.DC) (-): Negative polarity marking Capacitance (µF) Series identification s Dimensions in mm (not to scale) After applying rated working voltage for 1000 hours at +105 ± 2 °C, and then being atabilized at +20 °C, capacitors shall meet following limits. After storage for 1000 hours at +105 ±2 °C with no voltage applied and then being stabilized at +20 °C, capacitor shall meet the limits specified in “Endurance”. Capacitance change tan δ DC leakage current < ±10% of initial measured value < initial specified value < initial specified value Capacitance change tan δ DC leakage current < ±20% of initial measured value < 200% of initial specified value < initial specified value After reflow soldering (230 °C of peak temperature and reflow time less than 20 seconds.) and then being stabilized at 20 °C, capacitor shall meet the following limits, (Infrared ray oven is also available.) R P P W=12 mm W=16 mm W=24 mm φ4(B) φ5,φ6.3,φ8x6.2(C,D,E) φ8x10.2, φ10x10.2(F,G) Taping (mm) ( ) reference size 0.3 max w L+0.1 @A±0.2 E,F,G= L ±0.3 -0.2 D L A H I W P K Size code B C D E F G -0.20 to +0.15 ±0.2 ±0.2 -0.20 to +0. 15 4.0 5.4 4.3 5.5 MAX 1.8 0.65 ±0.1 1.0 0.35 5.0 5.4 5.3 6.5MAX 2.2 0.65±0.1 1.5 0.35 6.3 5.4 6.6 7.8MAX 2.6 0.65± 0.1 1.8 0.35 8.0 6.2 8.3 9.5MAX 3.4 0.65±0.1 2.2 0.35 8.0 10.2 8.3 10.0MAX 3.4 0.90±0.2 3.1 0.70 10.0 10.2 10.3 12.0MAX 3.5 0.90±0.2 4.6 0.70 -0.20 to +0.15 -0.20 to +0.15 Mar. 2005 |
Similar Part No. - ECEV6.3GR22R |
|
Similar Description - ECEV6.3GR22R |