Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WAN02RSP Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # WAN02RSP
Description  Wireless Global Limit Switch (EN 50041)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

WAN02RSP Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  WAN02RSP Datasheet HTML 1Page - Honeywell Solid State Electronics Center WAN02RSP Datasheet HTML 2Page - Honeywell Solid State Electronics Center WAN02RSP Datasheet HTML 3Page - Honeywell Solid State Electronics Center WAN02RSP Datasheet HTML 4Page - Honeywell Solid State Electronics Center WAN02RSP Datasheet HTML 5Page - Honeywell Solid State Electronics Center WAN02RSP Datasheet HTML 6Page - Honeywell Solid State Electronics Center WAN02RSP Datasheet HTML 7Page - Honeywell Solid State Electronics Center WAN02RSP Datasheet HTML 8Page - Honeywell Solid State Electronics Center WAN02RSP Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Limitless™ Series
2
www.honeywell.com/sensing
Description
Parameter
Series name
WGLA Series
Product type
Limitless™ Global Limit Switches
Availability
Global, license-free bands
Operating Characteristics
Reference wireless global limit switch specifications (WGLA Series)
Actuator
Side rotary, top plunger, top roller, top roller lever
Lever type
Rotary lever included w/side rotary– other lever options available
Housing material
Powder coated zinc die-cast
Housing type
EN 50041
Radio
WPAN 802.15.4; 2.4GHz
Antenna type
Direct or remote mount antenna options; Omni directional
Signal range
Nominal 304 m* for International use (Europe and Australia due to signal restrictions);
Nominal 1000 ft* for use in US and Canada
*clear line of sight between Limitless™ switch and monitor/receiver when using 2.1 dBi
integral antenna
Battery
3.6 Vdc Lithium Thionyl Chloride; 2/3 AA size (Est. life >1yr)
Manufactured by Uniwell, part number DEV-10-0009
Sealing
IP67; NEMA 1, 4, 12, 13
EMC
Latest applicable standards: EN 300 328, V1.7.1; EN 61326-1 (2006);
EN 301 489-1, V1.8.1; EN 301 489-17, V2.1.1
Shock
IEC 60068-2-27; half sine, 10 g, 6 mS, 3 axis
Vibration
IEC 60068-2-6; 10-500Hz w/ 0,35 mm peak-to-peak, 58-500 Hz- 5g
Operating temperature
-40 °C to 85 °C [-40 °F to 185 °F] (side rotary)
-25 °C to 85 °C [-13 °F to 185 °F] (all other housing styles)
Agency approvals and standards
FCC 15.247
Industry Canada RSS 210
ETSI, CE mark
ACMA, C-Tick mark
UNSPSC code
20142601
UNSPSC commodity
20142601
Sealed
Industrial
* Actual range will vary depending upon antennas, cables, and site topography.


Similar Part No. - WAN02RSP

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WAN0143 WOLFSON-WAN0143 Datasheet
60Kb / 6P
   ADA and MASK Timing on WM9712
logo
Honeywell Solid State E...
WAN09RSP HONEYWELL-WAN09RSP Datasheet
846Kb / 1P
   3.0 dBi ANTENNA
More results

Similar Description - WAN02RSP

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
   Global Limit Switches
GSAA20A1B-1 HONEYWELL-GSAA20A1B-1 Datasheet
225Kb / 1P
   GLOBAL SAFETY SWITCH
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
   LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
   LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
   LIMIT SWITCH
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
   Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
   Limit switch box
7/20/22
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
   Vibration Limit Switch
2020-10-05
logo
TelCom Semiconductor, I...
TC626 TELCOM-TC626 Datasheet
33Kb / 2P
   TEMPERATURE LIMIT SWITCH
logo
Omron Electronics LLC
VB-2211 OMRON-VB-2211 Datasheet
671Kb / 5P
   Multiple Limit Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com