Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1200-L30-T Datasheet(PDF) 3 Page - GSI Group, Inc.

Part # M1200-L30-T
Description  Mercury TM1200 PCB-Mount Analog Encoders For Customer Interpolation- Resolution to 0.078關m
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1200-L30-T Datasheet(HTML) 3 Page - GSI Group, Inc.

  M1200-L30-T Datasheet HTML 1Page - GSI Group, Inc. M1200-L30-T Datasheet HTML 2Page - GSI Group, Inc. M1200-L30-T Datasheet HTML 3Page - GSI Group, Inc. M1200-L30-T Datasheet HTML 4Page - GSI Group, Inc. M1200-L30-T Datasheet HTML 5Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
Maximum Speed
Scale Length/Diameter
Maximum Speed*
Linear
All Lengths
7200mm/s
Rotary
0.75”
8640 RPM
1.25”
5273 RPM
2.25”
2637 RPM
4.25”
1318 RPM
*Assumes customer electronics have adequate bandwidth
Analog Output
Pins 1,2,3 and 4
20µm
20µm Typical
5VDC
90°
Mercury 1200 Outputs
10-pin interface
PIN
FUNCTION
1
Sine +
2
Sine -
3
Cosine +
4
Cosine -
5
+ 5 V DC
6
Reserved - Do Not Connect
7
Reserved - Do Not Connect
8
Index Window -
9
Index Window +
10
Ground
4.11
.162
5.59
.220
15.24
.600
1.75
.069
8.85
.348
2.44
.096
3.76
.148
7.5
.295
8.75
.344
THRU.
2X 0-80UNC-2B
12.70
.500
4X R
1.19
.047
4.65
.183
8.38
.330
3.22
.127
PIN SPACING
1.28
.050
PIN 1
PIN 5
PIN 6
PIN 10
Mechanical Information - Sensor
All Specifications are subject to change. All data is accurate to the best of our knowledge.
MicroE Systems is not responsible for errors.
1.6 V pp
(Differential)
Across 2k
Ω
resistor
Index Window
Pin 9
System Specifications
System
Grating Period
20µm
Signal Period
20µm
System Resolution Fundamental resolution: Linear 20µm; Rotary 2,500 - 16,384 CPR
Interpolated resolution determined by customer electronics:
Linear: 20µm - 0.078µm; rotary: 2,500 to 4.2M CPR
Linear Accuracy*
Better than ±1µm available; contact MicroE
Better than ±3µm up to 130mm, ±5µm from 155mm to 1m,
±5µm per meter from 1m to 2m
*Maximum peak to peak error over the specified movement when compared to a NIST-traceable laser interferometer standard,
used at room temperature and with MicroE interpolation electronics.
Rotary Accuracy* Scale O.D.
Microradians
Arc-Seconds
12.00mm
±100
±21
19.05mm
±63
±13
31.75mm
±38
±7.8
57.15mm
±19
±3.9
107.95mm
±10
±2.1
*Based on ideal scale mounting concentricity
Sensor Size
W:
12.70mm
0.500"
L:
15.24mm
0.600"
H:
5.59mm
0.220"
Operating and Electrical Specifications
Power Supply
5VDC ±5% @ 33mA
Temperature
Operating:
0 to 70°C
Storage:
-20 to 70°C
Humidity:
10 - 90% RH non-condensing
Shock:
1500G 0.5ms half sine
Sensor Weight:
2.6g ( Sensor without cable )


Similar Part No. - M1200-L30-T

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
M1200 KNIGHTSBRIDGE-M1200 Datasheet
245Kb / 1P
   Metal Clad 10AX Intermediate Switch
11/04/2024
logo
List of Unclassifed Man...
M12007 ETC1-M12007 Datasheet
784Kb / 44P
   THERMOPILE TYPE INFRARED SENSOR
logo
MOSDESIGN SEMICONDUCTOR...
M1200A MOSDESIGN-M1200A Datasheet
145Kb / 2P
   ON/OFF ONE SHOT
2012-01-03
M1200A-1 MOSDESIGN-M1200A-1 Datasheet
145Kb / 2P
   ON/OFF ONE SHOT
2012-01-03
M1200A-2 MOSDESIGN-M1200A-2 Datasheet
145Kb / 2P
   ON/OFF ONE SHOT
2012-01-03
More results

Similar Description - M1200-L30-T

ManufacturerPart #DatasheetDescription
logo
GSI Group, Inc.
M1000 MICROESYS-M1000 Datasheet
609Kb / 6P
   Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
M1500P MICROESYS-M1500P Datasheet
248Kb / 6P
   Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
M2000 MICROESYS-M2000 Datasheet
596Kb / 10P
   Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
   Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com