Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF52258VN80 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCF52258VN80
Description  ColdFire Microcontroller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52258VN80 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCF52258VN80 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF52258VN80 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF52258VN80 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52258VN80 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52258VN80 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52258VN80 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52258VN80 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52258VN80 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF52258VN80 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
MCF52259 ColdFire Microcontroller, Rev. 3
Family Configurations
Freescale Semiconductor
6
— DMA or FIFO data stream interfaces
— Low power consumption
— OTG protocol logic
Fast Ethernet controller (FEC)
— 10/100 BaseT/TX capability, half duplex or full duplex
— On-chip transmit and receive FIFOs
— Built-in dedicated DMA controller
— Memory-based flexible descriptor rings
Mini-FlexBus
— External bus interface available on 144 pin packages
— Supports glueless interface with 8-bit ROM/flash/SRAM/simple slave peripherals. Can address up to 2 Mbytes of
addresses
— 2 chip selects (FB_CS[1:0])
— Non-multiplexed mode: 8-bit dedicated data bus, 20-bit address bus
— Multiplexed mode: 16-bit data and 20-bit address bus
— FB_CLK output to support synchronous memories
— Programmable base address, size, and wait states to support slow peripherals
— Operates at up to 40 MHz (bus clock) in 1:2 mode or up to 80 MHz (core clock) in 1:1 mode
Three universal asynchronous/synchronous receiver transmitters (UARTs)
— 16-bit divider for clock generation
— Interrupt control logic with maskable interrupts
— DMA support
— Data formats can be 5, 6, 7 or 8 bits with even, odd, or no parity
— Up to two stop bits in 1/16 increments
— Error-detection capabilities
— Modem support includes request-to-send (RTS) and clear-to-send (CTS) lines for two UARTs
— Transmit and receive FIFO buffers
•Two I2C modules
— Interchip bus interface for EEPROMs, LCD controllers, A/D converters, and keypads
— Fully compatible with industry-standard I2C bus
— Master and slave modes support multiple masters
— Automatic interrupt generation with programmable level
Queued serial peripheral interface (QSPI)
— Full-duplex, three-wire synchronous transfers
— Up to three chip selects available
— Master mode operation only
— Programmable bit rates up to half the CPU clock frequency
— Up to 16 pre-programmed transfers
Fast analog-to-digital converter (ADC)
— Eight analog input channels
— 12-bit resolution
— Minimum 1.125
μs conversion time
— Simultaneous sampling of two channels for motor control applications
— Single-scan or continuous operation
— Optional interrupts on conversion complete, zero crossing (sign change), or under/over low/high limit


Similar Part No. - MCF52258VN80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52258VN80 FREESCALE-MCF52258VN80 Datasheet
1Mb / 50P
   MCF52259 ColdFire Microcontroller
MCF52258VN80 FREESCALE-MCF52258VN80 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results

Similar Description - MCF52258VN80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com