Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9306 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9306
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9306_10 Datasheet HTML 6Page - NXP Semiconductors PCA9306_10 Datasheet HTML 7Page - NXP Semiconductors PCA9306_10 Datasheet HTML 8Page - NXP Semiconductors PCA9306_10 Datasheet HTML 9Page - NXP Semiconductors PCA9306_10 Datasheet HTML 10Page - NXP Semiconductors PCA9306_10 Datasheet HTML 11Page - NXP Semiconductors PCA9306_10 Datasheet HTML 12Page - NXP Semiconductors PCA9306_10 Datasheet HTML 13Page - NXP Semiconductors PCA9306_10 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
PCA9306_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 19 March 2010
10 of 26
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
11.1 Bidirectional translation
For the bidirectional clamping configuration (higher voltage to lower voltage or lower
voltage to higher voltage), the EN input must be connected to VREF2 and both pins pulled
to HIGH side Vpu(D) through a pull-up resistor (typically 200 kΩ). This allows VREF2 to
regulate the EN input. A filter capacitor on VREF2 is recommended. The I2C-bus master
output can be totem-pole or open-drain (pull-up resistors may be required) and the
I2C-bus device output can be totem-pole or open-drain (pull-up resistors are required to
pull the SCL2 and SDA2 outputs to Vpu(D)). However, if either output is totem-pole, data
must be unidirectional or the outputs must be 3-stateable and be controlled by some
direction-control mechanism to prevent HIGH-to-LOW contentions in either direction. If
both outputs are open-drain, no direction control is needed.
The reference supply voltage (Vref(1)) is connected to the processor core power supply
voltage. When VREF2 is connected through a 200 k
Ω resistor to a 3.3 V to 5.5 V V
pu(D)
power supply, and Vref(1) is set between 1.0 V and (Vpu(D) − 1 V), the output of each SCL1
and SDA1 has a maximum output voltage equal to VREF1, and the output of each SCL2
and SDA2 has a maximum output voltage equal to Vpu(D).
[1]
All typical values are at Tamb =25 °C.
11.2 Sizing pull-up resistor
The pull-up resistor value needs to limit the current through the pass transistor when it is
in the ON state to about 15 mA. This ensures a pass voltage of 260 mV to 350 mV. If the
current through the pass transistor is higher than 15 mA, the pass voltage also is higher in
the ON state. To set the current through each pass transistor at 15 mA, the pull-up resistor
value is calculated as:
(1)
Table 10 summarizes resistor reference voltages and currents at 15 mA, 10 mA, and
3 mA. The resistor values shown in the +10 % column or a larger value should be used to
ensure that the pass voltage of the transistor would be 350 mV or less. The external driver
must be able to sink the total current from the resistors on both sides of the PCA9306
device at 0.175 V, although the 15 mA only applies to current flowing through the
PCA9306 device.
Table 9.
Application operating conditions
Refer to Figure 11.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Vbias(ref)(2)
reference bias voltage (2)
Vref(1) +0.6
2.1
5
V
VI(EN)
input voltage on pin EN
Vref(1) +0.6
2.1
5
V
Vref(1)
reference voltage (1)
0
1.5
4.4
V
Isw(pass)
pass switch current
-
14
-
mA
Iref
reference current
transistor
-
5
-
μA
Tamb
ambient temperature
operating in
free-air
−40
-
+85
°C
R
PU
V
pu D
()
0.35 V
0.015 A
--------------------------------------
=


Similar Part No. - PCA9306_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
More results

Similar Description - PCA9306_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com