Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4528B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF4528B
Description  Dual monostable multivibrator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4528B Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4528B Datasheet HTML 1Page - NXP Semiconductors HEF4528B Datasheet HTML 2Page - NXP Semiconductors HEF4528B Datasheet HTML 3Page - NXP Semiconductors HEF4528B Datasheet HTML 4Page - NXP Semiconductors HEF4528B Datasheet HTML 5Page - NXP Semiconductors HEF4528B Datasheet HTML 6Page - NXP Semiconductors HEF4528B Datasheet HTML 7Page - NXP Semiconductors HEF4528B Datasheet HTML 8Page - NXP Semiconductors HEF4528B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HEF4528B_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 27 November 2009
5 of 16
NXP Semiconductors
HEF4528B
Dual monostable multivibrator
9.
Recommended operating conditions
10. Static characteristics
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
3
-
15
V
VI
input voltage
0
-
VDD
V
Tamb
ambient temperature
in free air
−40
-
+85
°C
∆t/∆V
input transition rise and fall rate
VDD = 5 V
-
-
3.75
µs/V
VDD = 10 V
-
-
0.5
µs/V
VDD = 15 V
-
-
0.08
µs/V
Table 6.
Static characteristics
VSS = 0 V; VI =VSS or VDD; unless otherwise specified.
Symbol Parameter
Conditions
VDD
Tamb = −40 °C Tamb = +25 °C Tamb = +85 °C Unit
Min
Max
Min
Max
Min
Max
VIH
HIGH-level
input voltage
|IO| < 1 µA
5 V
3.5
-
3.5
-
3.5
-
V
10 V
7.0
-
7.0
-
7.0
-
V
15 V
11.0
-
11.0
-
11.0
-
V
VIL
LOW-level
input voltage
|IO| < 1 µA
5 V
-
1.5
-
1.5
-
1.5
V
10 V
-
3.0
-
3.0
-
3.0
V
15 V
-
4.0
-
4.0
-
4.0
V
VOH
HIGH-level output voltage
|IO| < 1 µA
5 V
4.95
-
4.95
-
4.95
-
V
10 V
9.95
-
9.95
-
9.95
-
V
15 V
14.95
-
14.95
-
14.95
-
V
VOL
LOW-level output voltage
|IO| < 1 µA
5 V
-
0.05
-
0.05
-
0.05
V
10 V
-
0.05
-
0.05
-
0.05
V
15 V
-
0.05
-
0.05
-
0.05
V
IOH
HIGH-level output current
VO = 2.5 V
5 V
−1.7
-
−1.4
-
−1.1
-
mA
VO = 4.6 V
5 V
−0.52
-
−0.44
-
−0.36
-
mA
VO = 9.5 V
10 V
−1.3
-
−1.1
-
−0.9
-
mA
VO = 13.5 V
15 V
−3.6
-
−3.0
-
−2.4
-
mA
IOL
LOW-level output current
VO = 0.4 V
5 V
0.52
-
0.44
-
0.36
-
mA
VO = 0.5 V
10 V
1.3
-
1.1
-
0.9
-
mA
VO = 1.5 V
15 V
3.6
-
3.0
-
2.4
-
mA
II
input leakage current
15 V
-
±0.3
-
±0.3
-
±1.0 µA
IDD
supply current
all valid input
combinations;
IO =0A
5 V
-
20
-
20
-
150
µA
10 V
-
40
-
40
-
300
µA
15 V
-
80
-
80
-
600
µA
CI
input capacitance
-
-
-
-
7.5
-
-
pF


Similar Part No. - HEF4528B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B Datasheet
104Kb / 8P
   Dual monostable multivibrator
January 1995
logo
Nexperia B.V. All right...
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
logo
NXP Semiconductors
HEF4528BD PHILIPS-HEF4528BD Datasheet
104Kb / 8P
   Dual monostable multivibrator
January 1995
HEF4528BF PHILIPS-HEF4528BF Datasheet
104Kb / 8P
   Dual monostable multivibrator
January 1995
More results

Similar Description - HEF4528B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com