Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W30-24S1.5 Datasheet(PDF) 4 Page - Intronics Power, Inc.

Part # W30-24S1.5
Description  DC/DC MODULES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

W30-24S1.5 Datasheet(HTML) 4 Page - Intronics Power, Inc.

  W30-24S1.5 Datasheet HTML 1Page - Intronics Power, Inc. W30-24S1.5 Datasheet HTML 2Page - Intronics Power, Inc. W30-24S1.5 Datasheet HTML 3Page - Intronics Power, Inc. W30-24S1.5 Datasheet HTML 4Page - Intronics Power, Inc. W30-24S1.5 Datasheet HTML 5Page - Intronics Power, Inc. W30-24S1.5 Datasheet HTML 6Page - Intronics Power, Inc. W30-24S1.5 Datasheet HTML 7Page - Intronics Power, Inc. W30-24S1.5 Datasheet HTML 8Page - Intronics Power, Inc. W30-24S1.5 Datasheet HTML 9Page - Intronics Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
U30-12 EFFICIENCY CHARTS
U30-12S5
U30-12 DERATING CHARTS (STILL AIR)
U30-12 OUTPUT NOISE
55
65
75
85
95
1
2
3
4
5
6
LOAD CURRENT (AMPS)
9V
12V
24V
36V
U30-12S3.3
95
85
9V
75
12V
45
55
65
24V
36V
7
1
2
3
4
5
6
8
9
LOAD CURRENT (AMPS)
U30-12S5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
25 30 35 40 45 50 55 60 65 70 75 80 85
AMBIENT TEMPERTURE (C)
9V
12V
24V
36V
U30-12S3.3
8.5
8
7.5
9V
7
12V
6.5
24V
6
36V
5.5
5
4.5
50 55 60 65 70 75 80 85
25 30 35 40 45
AMBIENT TEMPERTURE (C)
Intronics Power Inc. 1400 Providence Highway, Building 2, Norwood, MA 02062-5015 Phone: 1-781-551-5500 Fax: 1-781-551-5555 Rev. B


Similar Part No. - W30-24S1.5

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
W30-31E AMPHENOL-W30-31E Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
W30-31E-2-R AMPHENOL-W30-31E-2-R Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
W30-31E-2-S AMPHENOL-W30-31E-2-S Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
W30-31M-2-R AMPHENOL-W30-31M-2-R Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
W30-31M-2-S AMPHENOL-W30-31M-2-S Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
More results

Similar Description - W30-24S1.5

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
W2530-12S5 INTRONICS-W2530-12S5 Datasheet
190Kb / 1P
   DC/DC MODULES
W15C-12S5 INTRONICS-W15C-12S5 Datasheet
154Kb / 1P
   DC/DC MODULES
S5-5S3.3 INTRONICS-S5-5S3.3 Datasheet
192Kb / 1P
   DC/DC MODULES
U6-12S5 INTRONICS-U6-12S5 Datasheet
154Kb / 1P
   DC/DC MODULES
W3-12S5 INTRONICS-W3-12S5 Datasheet
120Kb / 1P
   DC/DC MODULES
Q150-48S1.5 INTRONICS-Q150-48S1.5 Datasheet
239Kb / 1P
   DC/DC MODULES
U15-12S5 INTRONICS-U15-12S5 Datasheet
182Kb / 1P
   DC/DC MODULES
W7-12S5 INTRONICS-W7-12S5 Datasheet
184Kb / 1P
   DC/DC MODULES
S10-5S1.0 INTRONICS-S10-5S1.0 Datasheet
236Kb / 1P
   DC/DC MODULES
U3-12S5 INTRONICS-U3-12S5 Datasheet
119Kb / 1P
   DC/DC MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com