Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AVCH8T245BQ Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AVCH8T245BQ
Description  8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVCH8T245BQ Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AVCH8T245BQ Datasheet HTML 4Page - NXP Semiconductors 74AVCH8T245BQ Datasheet HTML 5Page - NXP Semiconductors 74AVCH8T245BQ Datasheet HTML 6Page - NXP Semiconductors 74AVCH8T245BQ Datasheet HTML 7Page - NXP Semiconductors 74AVCH8T245BQ Datasheet HTML 8Page - NXP Semiconductors 74AVCH8T245BQ Datasheet HTML 9Page - NXP Semiconductors 74AVCH8T245BQ Datasheet HTML 10Page - NXP Semiconductors 74AVCH8T245BQ Datasheet HTML 11Page - NXP Semiconductors 74AVCH8T245BQ Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
74AVCH8T245_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 28 April 2009
8 of 24
NXP Semiconductors
74AVCH8T245
8-bit dual supply translating transceiver; 3-state
IBHH
bus hold
HIGH current
A or B port
[4]
VI = 0.91 V; VCC(A) =VCC(B) = 1.4 V
−15
-
−15
-
µA
VI = 1.07 V;
VCC(A) =VCC(B) = 1.65 V
−25
-
−25
-
µA
VI = 1.60 V; VCC(A) =VCC(B) = 2.3 V
−45
-
−45
-
µA
VI = 2.00 V; VCC(A) =VCC(B) = 3.0 V
−100
-
−100
-
µA
IBHLO
bus hold
LOW
overdrive
current
A or B port
[5]
VCC(A) = VCC(B) = 1.6 V
125
-
125
-
µA
VCC(A) = VCC(B) = 1.95 V
200
-
200
-
µA
VCC(A) = VCC(B) = 2.7 V
300
-
300
-
µA
VCC(A) = VCC(B) = 3.6 V
500
-
500
-
µA
IBHHO
bus hold
HIGH
overdrive
current
A or B port
[6]
VCC(A) = VCC(B) = 1.6 V
−125
-
−125
-
µA
VCC(A) = VCC(B) = 1.95 V
−200
-
−200
-
µA
VCC(A) = VCC(B) = 2.7 V
−300
-
−300
-
µA
VCC(A) = VCC(B) = 3.6 V
−500
-
−500
-
µA
IOZ
OFF-state
output
current
A or B port; VO = 0 V or VCCO;
VCC(A) =VCC(B) = 3.6 V
[7]
-
±5-
±30
µA
suspend mode A port;
VO =0V orVCCO; VCC(A) = 3.6 V;
VCC(B) =0V
[7]
-
±5-
±30
µA
suspend mode B port;
VO =0V orVCCO; VCC(A) =0 V;
VCC(B) = 3.6 V
[7]
-
±5-
±30
µA
IOFF
power-off
leakage
current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) =0V; VCC(B) = 0.8 V to 3.6 V
-
±5-
±30
µA
B port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V; VCC(A) = 0.8 V to 3.6 V
-
±5-
±30
µA
Table 7.
Static characteristics …continued[1][2]
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max


Similar Part No. - 74AVCH8T245BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVCH8T245BQ NEXPERIA-74AVCH8T245BQ Datasheet
786Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 27 December 2012
More results

Similar Description - 74AVCH8T245BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH8T245 PHILIPS-74AVCH8T245_15 Datasheet
168Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
74AVC8T245 NXP-74AVC8T245 Datasheet
133Kb / 23P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74AVCH8T245 NEXPERIA-74AVCH8T245 Datasheet
786Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 27 December 2012
logo
NXP Semiconductors
74AVC8T245 PHILIPS-74AVC8T245_15 Datasheet
161Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
logo
Nexperia B.V. All right...
74AVC8T245 NEXPERIA-74AVC8T245 Datasheet
337Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
74AVC8T245-Q100 NEXPERIA-74AVC8T245-Q100 Datasheet
763Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
logo
Nexperia B.V. All right...
74AVCH16T245 NEXPERIA-74AVCH16T245 Datasheet
301Kb / 21P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC32T245 NEXPERIA-74AVC32T245 Datasheet
793Kb / 24P
   32-bit dual supply translating transceiver with configurable voltage translation 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com