Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32332I5205J062 Datasheet(PDF) 5 Page - EPCOS

Part # B32332I5205J062
Description  Film Capacitors - AC Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32332I5205J062 Datasheet(HTML) 5 Page - EPCOS

  B32332I5205J062 Datasheet HTML 1Page - EPCOS B32332I5205J062 Datasheet HTML 2Page - EPCOS B32332I5205J062 Datasheet HTML 3Page - EPCOS B32332I5205J062 Datasheet HTML 4Page - EPCOS B32332I5205J062 Datasheet HTML 5Page - EPCOS B32332I5205J062 Datasheet HTML 6Page - EPCOS B32332I5205J062 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Film Capacitors – AC Capacitors
B32330/B32332
Motor run capacitors
B32330/B32332 – Super Motor Cap™, 420 V, 450 V
FK PC PM PFC
January 2010
Please read Cautions and warnings and
Page 5 of 7
Important notes at the end of this document.
Ordering codes and packing units
Approvals
VR
V AC
CR
F
Dimensions
d × l
mm
Ordering code
(composition see
below)
Packing
units
VDE/TÜV
UL
CQC
1.0
25 × 52
B3233+I5105J0*2
49
X
X
1.5
25 × 52
B3233+I5105J5*2
49
X
X
2.0
30 × 52
B3233+I5205J0*2
49
X
X
2.5
30 × 52
B3233+I5255J0*2
49
X
X
3.0
30 × 52
B3233+I5305J0*2
49
X
X
3.0
30 × 68
B3233+I5305J0*1
49
X
X
X
3.5
30 × 52
B3233+I5355J0*2
49
X
X
3.5
30 × 68
B3233+I5355J0*1
49
X
X
X
4.0
30 × 52
B3233+I5405J0*2
49
X
X
4.0
30 × 68
B3233+I5405J0*1
49
X
X
X
5.0
30 × 52
B3233+I5505J0*2
49
X
X
5.0
30 × 68
B3233+I5505J0*1
49
X
X
X
6.0
30 × 52
B3233+I5605J0*2
49
X
X
6.0
30 × 68
B3233+I5605J0*1
49
X
X
X
7.0
30 × 52
B3233+I5705J0*2
49
X
X
7.0
30 × 68
B3233+I5705J0*1
49
X
X
X
8.0
30 × 68
B3233+I5805J0*1
49
X
X
X
10.0
30 × 68
B3233+I5106J0*1
49
X
X
X
12.0
30 × 78
B3233+I5126J0*1
49
X
X
X
15.0
30 × 78
B3233+I5156J0*1
49
X
X
X
16.0
30 × 78
B3233+I5166J0*1
49
X
X
X
18.0
35 × 78
B3233+I5186J0*1
36
X
X
X
18.0
30 × 93
B3233+I5186J0*2
49
X
X
X
420 / 450
20.0
35 × 78
B3233+I5206J0*1
36
X
X
X
20.0
30 × 93
B3233+I5206J0*2
49
X
X
X
22.0
35 × 78
B3233+I5226J0*1
36
X
X
X
22.0
30 × 93
B3233+I5226J0*2
49
X
X
X
25.0
40 × 78
B3233+I5256J0*1
36
X
X
X
25.0
35 × 93
B3233+I5256J0*0
36
X
X
X
30.0
40 × 78
B3233+I5306J0*1
36
X
X
X
30.0
35 × 93
B3233+I5306J0*0
36
X
X
X
35.0
40 × 103
B3233+I5356J0*0
36
X
X
X
36.0
40 × 103
B3233+I5366J0*1
36
X
X
X
40.0
40 × 103
B3233+I5406J0*1
36
X
X
X
45.0
40 × 103
B3233+I5456J0*1
36
X
X
X
50.0
45 × 103
B3233+I5506J0*1
36
X
X
X
55.0
45 × 103
B3233+I5556J0*1
36
X
X
X
55.0
53 × 78
B3233+I5556J0*2
36
X
X
X
60.0
45 × 103
B3233+I5606J0*1
36
X
X
X
60.0
53 × 78
B3233+I5606J0*2
36
X
X
X
Composition of ordering code:
+: terminals
*: construction of can and plastic top
0
single fast-on terminals
5
aluminum can, Option A: UL 94 V2 top
2
double fast-on terminals
6
aluminum can, Option B: UL 94 V2/V0 top/IEC 60335-1
7
aluminum can with M 8 bolt, Option A: UL 94 V2 top
8
aluminum can with M 8 bolt, Option B: UL 94 V2/V0 top/IEC 60335-1


Similar Part No. - B32332I5205J062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32332I5205J062 EPCOS-B32332I5205J062 Datasheet
261Kb / 7P
   Film capacitors - AC capacitors
More results

Similar Description - B32332I5205J062

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
logo
EPCOS
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
   Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
   Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
   Film Capacitors – AC Capacitors
May 2022
logo
EPCOS
B32327C1155J013 EPCOS-B32327C1155J013 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32335B4020J050 EPCOS-B32335B4020J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32330B1405J050 EPCOS-B32330B1405J050 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com