Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEGXB2W222H Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEGXB2W222H
Description  Screw Terminal Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEGXB2W222H Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEGXB2W222H Datasheet HTML 1Page - Panasonic Semiconductor EEGXB2W222H Datasheet HTML 2Page - Panasonic Semiconductor EEGXB2W222H Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Aluminum Electrolytic Capacitors/GXB
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
— EE196 —
Endurance:105
°C 5000 h
8200
10000
12000
2200
2700
3300
3900
4700
5600
6800
8200
10000
90
90
90
64
77
64
77
90
64
77
90
64
90
64
77
90
77
90
90
90
90
145
170
192
110
97
125
110
72
148
125
97
168
110
192
150
125
192
150
170
192
224
31.1
36.0
41.2
12.1
12.6
14.3
14.8
14.1
16.9
17.3
16.4
19.4
18.5
22.6
22.8
21.3
26.2
24.2
28.0
32.1
37.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
31.8
31.8
31.8
28.6
31.8
28.6
31.8
31.8
28.6
31.8
31.8
28.6
31.8
28.6
31.8
31.8
31.8
31.8
31.8
31.8
31.8
EEGXB2G822J( )
EEGXB2G103J( )
EEGXB2G123J( )
EEGXB2W222G( )
EEGXB2W222H( )
EEGXB2W272G( )
EEGXB2W272H( )
EEGXB2W272J( )
EEGXB2W332G( )
EEGXB2W332H( )
EEGXB2W332J( )
EEGXB2W392G( )
EEGXB2W392J( )
EEGXB2W472G( )
EEGXB2W472H( )
EEGXB2W472J( )
EEGXB2W562H( )
EEGXB2W562J( )
EEGXB2W682J( )
EEGXB2W822J( )
EEGXB2W103J( )
N
N
N
N
N
N
N
N
N
N
N
N
N
N
N
N
N
N
N
N
N
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
400
450
D.F.
(120Hz)
(+20
°C)
(mm)
Yes
No
( ):Mounting Clamp
Terminal
(mm)
(mm)
(µF)
(A )
(V)
n
Part No.
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+105
°C)
Standard Products
Pitch
Mar. 2005


Similar Part No. - EEGXB2W222H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEGTA2W103H PANASONIC-EEGTA2W103H Datasheet
51Kb / 2P
   Screw Terminal Type
EEGTA2W103J PANASONIC-EEGTA2W103J Datasheet
51Kb / 2P
   Screw Terminal Type
EEGTA2W123J PANASONIC-EEGTA2W123J Datasheet
51Kb / 2P
   Screw Terminal Type
EEGTA2W272G PANASONIC-EEGTA2W272G Datasheet
51Kb / 2P
   Screw Terminal Type
EEGTA2W332G PANASONIC-EEGTA2W332G Datasheet
51Kb / 2P
   Screw Terminal Type
More results

Similar Description - EEGXB2W222H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEG1AU683P PANASONIC-ECEG1AU683P Datasheet
88Kb / 5P
   Screw Terminal Type
ECOG2VU102M PANASONIC-ECOG2VU102M Datasheet
64Kb / 2P
   Screw Terminal Type
ECOG2CP123D PANASONIC-ECOG2CP123D Datasheet
68Kb / 3P
   Screw Terminal Type
ECEG2CH152P PANASONIC-ECEG2CH152P Datasheet
60Kb / 3P
   Screw Terminal Type
EEGTA2W272G PANASONIC-EEGTA2W272G Datasheet
51Kb / 2P
   Screw Terminal Type
ECEG2CG182P PANASONIC-ECEG2CG182P Datasheet
58Kb / 3P
   Screw Terminal Type
logo
METZ CONNECT GmbH
312491XX METZ-312491XX Datasheet
294Kb / 5P
   screw type terminal block, pluggable
311571XX METZ-311571XX Datasheet
366Kb / 6P
   screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
   screw type terminal block, pluggable
310611XX METZ-310611XX Datasheet
254Kb / 5P
   screw type terminal block, solderable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com