Electronic Components Datasheet Search |
|
EEGXB2G103J Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
EEGXB2G103J Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 3 page Aluminum Electrolytic Capacitors/GXB Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail. — EE194 — Series: GXB -25 to + 105 °C 350 to 450 V .DC 2200 to 15000 µ F ±20% (120Hz/+20 °C) Japan Frequency (Hz) 60 120 300 360 1k 3k 10k to 0.80 1.00 1.15 1.18 1.30 1.40 1.48 φD φD1 φD2 W1 W2 64 77 90 76.0 89.0 101.6 86.0 100.0 113.0 8.0 8.0 8.0 13.0 14.0 14.0 (mm) (mm) φD2 W1 W2 45° 120 ° φD 64 77 90 F 28.6 31.8 31.8 Category temp. range Rated W.V. Range Nominal Cap. Range (µA) or 5(mA) whichever, smaller, after 5 minutes application of rated working voltage at +20 °C C:Capacitance(µF) V: W.V. (V.DC) 3ヨCV DC Leakage Current Capacitance Tolerance Dissipation Factor Endurance Shelf Life After 5000 hours application of DC voltage with specified ripple current (< rated DC working voltage ) at +105 °C, the capacitor shall meet the following limits. Please see the attached standard products list Capacitance change D.F. DC leakage current After storage for 1000 hours at +105±2 °C with no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in ìEnduranceî.(With voltage treatment) Withstand Voltage Application of 2000 V.AC between V-block and terminals for 1 minute, there shall be no abnormalities like destruction of insulator. n Dimensions in mm (not to scale) n Mounting clamp Screw Terminal Type n Features High ripple current handling capability (50% higher than series G-UP) Newly improved long life and safety design(Endurance : 105 °C 5000 h) n Recommended Application Suitable for the Hi-ripple circuit of electric vehicle, electric train, general-purpose inverter. n Specifications Frequency correction factor for ripple current ±20 % of initial measured value < 200 % of initial specified value < initial specified value Correction factor L+4 max 9 max M5x12 Hexagonal-bolt Vent P.V.C. sleeve Discontinued Mar. 2005 |
Similar Part No. - EEGXB2G103J |
|
Similar Description - EEGXB2G103J |