Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W30-12S1.8 Datasheet(PDF) 9 Page - Intronics Power, Inc.

Part # W30-12S1.8
Description  DC/DC MODULES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

W30-12S1.8 Datasheet(HTML) 9 Page - Intronics Power, Inc.

Back Button W30-12S1.8 Datasheet HTML 5Page - Intronics Power, Inc. W30-12S1.8 Datasheet HTML 6Page - Intronics Power, Inc. W30-12S1.8 Datasheet HTML 7Page - Intronics Power, Inc. W30-12S1.8 Datasheet HTML 8Page - Intronics Power, Inc. W30-12S1.8 Datasheet HTML 9Page - Intronics Power, Inc. W30-12S1.8 Datasheet HTML 10Page - Intronics Power, Inc. W30-12S1.8 Datasheet HTML 11Page - Intronics Power, Inc. W30-12S1.8 Datasheet HTML 12Page - Intronics Power, Inc. W30-12S1.8 Datasheet HTML 13Page - Intronics Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
W30-48 DERATING CHARTS (STILL AIR)
W30-48S5
3
3.5
4
4.5
5
5.5
6
6.5
25
30
35
40
45
50
55
60
65
70
75
80
85
AMBIENT TEMPERTURE (C)
36V
48V
75V
W30-48S3.3
6
6.5
7
7.5
8
8.5
9
25
20
35
40
45
50
55
60
65
70
75
80
85
AMBIENT TEMPERTURE (C)
36V
48V
75V
W30-48S2.5
6
6.5
7
7.5
8
8.5
9
9.5
10
10.5
25
30
35
40
45
50
55
60
65
70
75
80
85
AMBIENT TEMPERTURE (C)
36V
48V
75V
W30-48S1.8
7
7.5
8
8.5
9
9.5
10
10.5
11
25
30
35
40
45
50
55
60
65
70
75
80
85
AMBIENT TEMPERTURE (C)
36V
48V
75V
W30-48S1.5
7
7.5
8
8.5
9
9.5
10
10.5
11
25
30
35
40
45
50
55
60
65
70
75
80
85
AMBIENT TEMPERTURE (C)
36V
48V
75V
Note 1)
Units tested horizontally in a sealed enclosure
(6”x6”X3”), within an environmental chamber.
Note 2)
Ambient temperature measured within sealed
enclosure.
Note 3)
Derating occurs when a maximum temperature of
120
°C is measured at the thermal switch.
Intronics Power Inc. 1400 Providence Highway, Building 2, Norwood, MA 02062-5015 Phone: 1-781-551-5500 Fax: 1-781-551-5555 Rev. B


Similar Part No. - W30-12S1.8

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
W30-31E AMPHENOL-W30-31E Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
W30-31E-2-R AMPHENOL-W30-31E-2-R Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
W30-31E-2-S AMPHENOL-W30-31E-2-S Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
W30-31M-2-R AMPHENOL-W30-31M-2-R Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
W30-31M-2-S AMPHENOL-W30-31M-2-S Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
More results

Similar Description - W30-12S1.8

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
W2530-12S5 INTRONICS-W2530-12S5 Datasheet
190Kb / 1P
   DC/DC MODULES
W15C-12S5 INTRONICS-W15C-12S5 Datasheet
154Kb / 1P
   DC/DC MODULES
S5-5S3.3 INTRONICS-S5-5S3.3 Datasheet
192Kb / 1P
   DC/DC MODULES
U6-12S5 INTRONICS-U6-12S5 Datasheet
154Kb / 1P
   DC/DC MODULES
W3-12S5 INTRONICS-W3-12S5 Datasheet
120Kb / 1P
   DC/DC MODULES
Q150-48S1.5 INTRONICS-Q150-48S1.5 Datasheet
239Kb / 1P
   DC/DC MODULES
U15-12S5 INTRONICS-U15-12S5 Datasheet
182Kb / 1P
   DC/DC MODULES
W7-12S5 INTRONICS-W7-12S5 Datasheet
184Kb / 1P
   DC/DC MODULES
S10-5S1.0 INTRONICS-S10-5S1.0 Datasheet
236Kb / 1P
   DC/DC MODULES
U3-12S5 INTRONICS-U3-12S5 Datasheet
119Kb / 1P
   DC/DC MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com