Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U20-12S15 Datasheet(PDF) 1 Page - Intronics Power, Inc.

Part # U20-12S15
Description  DC/DC MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

U20-12S15 Datasheet(HTML) 1 Page - Intronics Power, Inc.

  U20-12S15 Datasheet HTML 1Page - Intronics Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Applications
• Servers, Switches and Data Storage • Networking Gear
• Wireless Communications
• Data Communications
• Distributed Power Architecture
• Telecommunications
• Semiconductor Test Equipment
• Industrial / Medical
The U20 Families of high efficiency DC/DC converters offer power levels of up to 20 Watt, which exceeds that of other bricks with the same Industry-Standard Pinouts, while providing much smaller
footprints. With a ultra- wide input voltage range and single and multi-outputs, ranging from 3.3 to ±15 Volts, these converters provide versatility without sacrificing the board space. All models
feature an input filter, input undervoltage lockout, output current limiting and short circuit protection. The fully enclosed, encapsulated construction achieves very efficient heat transfer with no hot
spots. All converters combine creative design practices with highly derated power devices to achieve very high reliability, high performance and low cost solution to systems designers.
Specifications & Features Summary
• 1500V, 10M
Ω input-to-output isolation
• No airflow or heatsink required
• Enclosed six-sided metal shield construction for low EMI/RFI
• Efficiency 84%
• 4:1 Input Range
• Pi Input Filter
• Continuous Short Circuit Protection
• Meets EN55022 Class A, Conducted
• Remote On/Off Control
• Delivers up to 20W in 2”x1.6” package with Industry-Standard Pinouts
Pin #
U20 S(ingle)
U20 D(ual)
1
On/Off
On/Off
3
Vin -
Vin -
4
Vin +
Vin +
5
Trim
Trim
6
Vout -
Vout -
7
Vout +
Common
8
No Pin
Vout +
U20 SERIES
DC/DC MODULES
All dimensions are in inches [mm]
All pins are dia. 0.040 [1.02]
Pin material: Gold plated Brass
Typical at Ta= +25 ºC under nominal line voltage and 75% load conditions, unless noted. The information and specifications
contained in this brief are believed to be accurate and reliable at the time of publication. Specifications are subject to change without
notice. Refer to product specification sheet for performance characteristics and application guidelines.
Consult factory for hundreds of other available input/output voltage configurations.
Tolerances
Inches
• XX ±0.040
• XXX ±0.010
Approval Pending
BOTTOM VIEW
U20 FAMILY
Intronics Power Inc. 1400 Providence Highway, Building 2, Norwood, MA 02062-5015
Phone: 1-781-551-5500 Fax: 1-781-551-5555 Rev. B
Model Number
VIn
VOut
IOut
INo Load
IFull Load
Eff
Case
U20-12S5
9-36 VDC
5.0 VDC
4000.0 mA
15.0 mA
1029.0 mA
81%
U
U20-12S12
9-36 VDC
12.0 VDC
1670.0 mA
15.0 mA
1006.0 mA
83%
U
U20-12S15
9-36 VDC
15.0 VDC
1330.0 mA
15.0 mA
1004.0 mA
83%
U
U20-12D12
9-36 VDC
±12.0 VDC
±833.0 mA
20.0 mA
1004.0 mA
83%
U
U20-12D15
9-36 VDC
±15.0 VDC
±666.0 mA
20.0 mA
1004.0 mA
83%
U
U20-12D5
9-36 VDC
±5.0 VDC
±2000.0 mA
20.0 mA
1004.0 mA
83%
U
U20-12S3.3
9-36 VDC
3.3 VDC
4000.0 mA
15.0 mA
705.0 mA
78%
U
U20-48S5
18-72 VDC
5.0 VDC
4000.0 mA
10.0 mA
508.0 mA
82%
U
U20-48S12
18-72 VDC
12.0 VDC
1670.0 mA
10.0 mA
497.0 mA
84%
U
U20-48S15
18-72 VDC
15.0 VDC
1330.0 mA
10.0 mA
496.0 mA
84%
U
U20-48D12
18-72 VDC
±12.0 VDC
±833.0 mA
15.0 mA
496.0 mA
84%
U
U20-48D15
18-72 VDC
±15.0 VDC
±666.0 mA
15.0 mA
496.0 mA
84%
U
U20-48D5
18-72 VDC
±5.0 VDC
±2000.0 mA
15.0 mA
496.0 mA
84%
U
U20-48S3.3
18-72 VDC
3.3 VDC
4000.0 mA
10.0 mA
353.0 mA
78%
U
Input Specifications
Input Voltage Range
12V Nominal: 9-36Vin
48V Nominal: 18-72Vin
Input Filter
Pi Type
Positive Logic Remote ON/OFF Control
See Note 3
Output Specifications
Voltage Accuracy Single Output
+/-1.0% max.
Voltage Accuracy Dual + Output
+/-1.0% max.
Voltage Accuracy Dual - Output
+/-2.0% max.
Voltage Balance, Dual Output at Full Load
+/-1.0% max.
Transient Response
Single 25% Step Load Change
<500u sec.
Dual FL, 1/2L +/- 1% Error Band
<500u sec.
External Trim Adj. Range
+/-10%
Ripple and Noise 20MHz BW
20mV RMS, max.
75mV p-p. max.
Temperature Coefficient
+/-0.02% / oC max.
Short Circuit Protection
Continuous
Line Regulation1, Single Dual / Output
+/-0.5% max.
Load Regulation2, Single Dual / Output
+/-0.5% max.
General Specifications
Efficiency
See Table
Isolation Capacitance
1500 VDC min.
Isolation Resistance
108 ohms min.
Switching Frequency
300KHz, typ
Operating Temperature Range
-25oC to +71oC
Derating, Above 60oC
Linearly to Zero Power at +100oC
Case Temperature
100oC max.
Storage Temperature Range
-55oC to +105oC
EMI / RFI
Six sided Continuous Shield
Dimensions
2X1.6X0.45 inches
(50.8 X 40.64 X 11.43 mm)
Case Material
Black Coated Copper with Non-Conductive
Base
Notes
1
Measured From High Line to Low Line
2
Measured From Full Load to 1/4 Load
3
Remote On/Off Control :
ON > +5.5VDC or Open Circuit
OFF < 1.8VDC
Control Common---Referenced to input minus
1.80
[45.72]
2.00
[50.80]
0.80
[20.32]
0.40
[10.16]
0.20
[5.08]
0.10
[2.54]
0.30
[7.62]
0.60
[15.24] 0.40
[10.16]
0.20
[5.08]
0.45
[11.43]
SIDE VIEW
1
3
4
7
6
5
0.40
[10.16]
8
1.60
[40.64]


Similar Part No. - U20-12S15

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
U20-16-7 FERROXCUBE-U20-16-7 Datasheet
40Kb / 3P
   U, I cores and accessories
More results

Similar Description - U20-12S15

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
W2530-12S5 INTRONICS-W2530-12S5 Datasheet
190Kb / 1P
   DC/DC MODULES
W15C-12S5 INTRONICS-W15C-12S5 Datasheet
154Kb / 1P
   DC/DC MODULES
S5-5S3.3 INTRONICS-S5-5S3.3 Datasheet
192Kb / 1P
   DC/DC MODULES
U6-12S5 INTRONICS-U6-12S5 Datasheet
154Kb / 1P
   DC/DC MODULES
W3-12S5 INTRONICS-W3-12S5 Datasheet
120Kb / 1P
   DC/DC MODULES
Q150-48S1.5 INTRONICS-Q150-48S1.5 Datasheet
239Kb / 1P
   DC/DC MODULES
W30-12S1.5 INTRONICS-W30-12S1.5 Datasheet
451Kb / 15P
   DC/DC MODULES
U15-12S5 INTRONICS-U15-12S5 Datasheet
182Kb / 1P
   DC/DC MODULES
W7-12S5 INTRONICS-W7-12S5 Datasheet
184Kb / 1P
   DC/DC MODULES
S10-5S1.0 INTRONICS-S10-5S1.0 Datasheet
236Kb / 1P
   DC/DC MODULES
U3-12S5 INTRONICS-U3-12S5 Datasheet
119Kb / 1P
   DC/DC MODULES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com