Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH16501DL Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALVCH16501DL
Description  18-bit universal bus transceiver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVCH16501DL Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVCH16501DL Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16501DL Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16501DL Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16501DL Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16501DL Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16501DL Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16501DL Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16501DL Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16501DL Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
74ALVCH16501_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 2 April 2010
8 of 18
NXP Semiconductors
74ALVCH16501
18-bit universal bus transceiver; 3-state
10. Dynamic characteristics
Table 7.
Dynamic characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V); test circuit Figure 10.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Tamb = −40 °C to +85 °C
fmax
maximum frequency
see Figure 8
VCC = 2.3 V to 2.7 V
[2]
150
333
-
MHz
VCC = 3.0 V to 3.6 V
[3]
150
340
-
MHz
VCC = 2.7 V
150
333
-
MHz
tpd
propagation delay
An to Bn; Bn to An; see Figure 6
[4]
VCC = 2.3 V to 2.7 V
[2]
1.0
2.8
5.1
ns
VCC = 3.0 V to 3.6 V
[3]
1.0
3.0
4.2
ns
VCC = 2.7 V
-
3.0
4.6
ns
LEAB, LEBA to Bn, An; see Figure 8
VCC = 2.3 V to 2.7 V
[2]
1.1
3.5
6.1
ns
VCC = 3.0 V to 3.6 V
[3]
1.3
3.4
4.8
ns
VCC = 2.7 V
-
3.6
5.3
ns
CPAB, CPBA to Bn, An; see Figure 8
VCC = 2.3 V to 2.7 V
[2]
1.0
3.3
6.1
ns
VCC = 3.0 V to 3.6 V
[3]
1.4
3.3
4.9
ns
VCC = 2.7 V
-
3.4
5.6
ns
ten
enable time
OEBA to An; see Figure 7
[4]
VCC = 2.3 V to 2.7 V
[2]
1.3
2.8
6.3
ns
VCC = 3.0 V to 3.6 V
[3]
1.1
2.5
5.0
ns
VCC = 2.7 V
-
3.3
6.0
ns
OEAB to Bn; see Figure 7
VCC = 2.3 V to 2.7 V
[2]
1.0
2.5
5.8
ns
VCC = 3.0 V to 3.6 V
[3]
1.0
2.4
4.6
ns
VCC = 2.7 V
-
2.7
5.3
ns
tdis
disable time
OEBA to An; see Figure 7
[4]
VCC = 2.3 V to 2.7 V
[2]
1.3
2.5
5.3
ns
VCC = 3.0 V to 3.6 V
[3]
1.3
3.1
4.2
ns
VCC = 2.7 V
-
3.3
4.6
ns
OEAB to Bn; see Figure 7
VCC = 2.3 V to 2.7 V
[2]
1.5
2.5
6.2
ns
VCC = 3.0 V to 3.6 V
[3]
1.4
2.9
5.0
ns
VCC = 2.7 V
-
3.6
5.7
ns


Similar Part No. - 74ALVCH16501DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALVCH16501DLG4 TI-74ALVCH16501DLG4 Datasheet
297Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16501DLRG4 TI-74ALVCH16501DLRG4 Datasheet
297Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH16501DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com