Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC1838 Datasheet(PDF) 1 Page - Intronics Power, Inc.

Part # DC1838
Description  25 Watt Single Dual Triple & 3.3V Output DC-DC Converters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

DC1838 Datasheet(HTML) 1 Page - Intronics Power, Inc.

  DC1838 Datasheet HTML 1Page - Intronics Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1400 PROVIDENCE HIGHWAY • BUILDING 2 NORWOOD, MASSACHUSETTS 02062-5015
PHONE: 781-551-5500 FAX: 781-551-5555


Similar Part No. - DC1838

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DC18 MICROCHIP-DC18 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Alpha Industries
DC18-73 ALPHA-DC18-73 Datasheet
69Kb / 3P
   Directional Coupler 1.71-1.99 GHz
logo
Skyworks Solutions Inc.
DC18-73 SKYWORKS-DC18-73 Datasheet
158Kb / 4P
   Directional Coupler 1.71-1.99 GHz
DC18-73LF SKYWORKS-DC18-73LF Datasheet
158Kb / 4P
   Directional Coupler 1.71-1.99 GHz
logo
Yantel Corporation
DC1800U05-050 YANTEL-DC1800U05-050 Datasheet
355Kb / 4P
   Directional Coupler 1700 MHz-2200 MHz
More results

Similar Description - DC1838

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP1101 ETC1-TP1101 Datasheet
167Kb / 2P
   25 to 30 WATT SINGLE, DUAL and TRIPLE OUTPUT DC-DC CONVERTERS
logo
Artesyn Technologies
NFC25 ARTESYN-NFC25 Datasheet
162Kb / 3P
   Triple output 25 Watt Wide input DC-DC converters
logo
Murata Manufacturing Co...
UEI25 MURATA-UEI25 Datasheet
1Mb / 23P
   Single Output Isolated 25-Watt DC/DC Converters
UEI25-120 MURATA-UEI25-120 Datasheet
301Kb / 11P
   Single Output Isolated 25-Watt DC/DC Converters
logo
Intronics Power, Inc.
DC1600 INTRONICS-DC1600 Datasheet
172Kb / 1P
   15 Watt Triple Output DC-DC Converters
DC1300 INTRONICS-DC1300 Datasheet
168Kb / 1P
   10 Watt, 3.3V Output DC-DC Converters
DC-1700 INTRONICS-DC-1700 Datasheet
192Kb / 1P
   15 Watt Single & Dual Output DC-DC Converters
logo
Artesyn Technologies
LPD10 ARTESYN-LPD10 Datasheet
44Kb / 2P
   Single, dual and triple output 10 Watt Wide input DC/DC converters
SDW30 ARTESYN-SDW30 Datasheet
43Kb / 2P
   Single, dual and triple output 30 Watt Wide input DC/DC converters
logo
Intronics Power, Inc.
DC500 INTRONICS-DC500 Datasheet
140Kb / 1P
   1.5 WATT SINGLE & DUAL OUTPUT DC-DC CONVERTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com