Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5164 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5164
Description  Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5164 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5164 Datasheet HTML 1Page - Micrel Semiconductor MIC5164 Datasheet HTML 2Page - Micrel Semiconductor MIC5164 Datasheet HTML 3Page - Micrel Semiconductor MIC5164 Datasheet HTML 4Page - Micrel Semiconductor MIC5164 Datasheet HTML 5Page - Micrel Semiconductor MIC5164 Datasheet HTML 6Page - Micrel Semiconductor MIC5164 Datasheet HTML 7Page - Micrel Semiconductor MIC5164 Datasheet HTML 8Page - Micrel Semiconductor MIC5164 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Micrel, Inc.
MIC5164
June 2010
4
M9999-061510
Electrical Characteristics
(4) (Continued)
TA = 25°C = VDDQ = 1.5V; VCC = 5V, VEN = VCC, bold values indicate –40°C ≤ TJ ≤ +125°C, unless otherwise specified.
See test circuit 1 for test circuit configuration.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Good Output
Power Good Deglitch (Note 9)
Time after VFB voltage has gone outside of PG
window
5
10
μs
Driver
High-Side MOSFET Fully ON
4.8
4.97
V
High-Side Gate Drive Voltage
High-Side MOSFET Fully OFF
0.03
0.2
V
Low-Side MOSFET Fully ON
4.8
4.97
V
Low-Side Gate Drive Voltage
Low-Side MOSFET Fully OFF
0.03
0.2
V
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model 1.5kΩ in series with 100pF.
4.
Specification for packaged product only.
5.
The VTT voltage accuracy is measured as a delta voltage from the reference output (VTT - VREF).
6.
Shutdown current is measured only on the VCC pin. The VDDQ pin will always draw a minimum amount of current when voltage is applied.
7.
Start-up time is defined as the amount of time from EN = VCC to VHD = 90% of VCC.
8.
Power Good startup delay is defined as the amount of time from EN =VCC and VFB is within ±10% of ½VDDQ to VPG = 90% of VCC (VFB = VREF),
during startup (VFB is the sense of VTT).
9.
Power Good deglitch is defined as the amount of time from the voltage at FB node going out of PG window (with 10mV overdrive voltage) to PG =
LOW.


Similar Part No. - MIC5164

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5162 MICREL-MIC5162 Datasheet
151Kb / 11P
   Dual Regulator Controller For High-Speed Bus Termination
MIC5162 MICREL-MIC5162 Datasheet
1Mb / 24P
   Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
MIC5162BMM MICREL-MIC5162BMM Datasheet
151Kb / 11P
   Dual Regulator Controller For High-Speed Bus Termination
MIC5162YMM MICREL-MIC5162YMM Datasheet
151Kb / 11P
   Dual Regulator Controller For High-Speed Bus Termination
MIC5162YMM MICREL-MIC5162YMM Datasheet
1Mb / 24P
   Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
More results

Similar Description - MIC5164

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5162 MICREL-MIC5162_10 Datasheet
1Mb / 24P
   Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
MIC5163 MICREL-MIC5163_09 Datasheet
452Kb / 15P
   Dual Regulator Controller for DDR3 GDDR3/4/5 Memory Termination
MIC5165 MICREL-MIC5165 Datasheet
973Kb / 24P
   Dual Regulator Controller for DDR3 GDDR3/4/5 Memory Termination
MIC5162 MICREL-MIC5162 Datasheet
151Kb / 11P
   Dual Regulator Controller For High-Speed Bus Termination
logo
California Micro Device...
CM3109 CALMIRCO-CM3109 Datasheet
542Kb / 12P
   2A Sink/Source Regulator for Front Side Bus and DDR Memory Bus Termination
logo
Linear Technology
LTC3831 LINER-LTC3831 Datasheet
236Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3831-1 LINER-LTC3831-1_15 Datasheet
274Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3831 LINER-LTC3831_15 Datasheet
219Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3831-1 LINER-LTC3831-1 Datasheet
268Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
logo
Rohm
BD3538FVM ROHM-BD3538FVM Datasheet
126Kb / 5P
   Regulator IC for Memory Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com