Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3600-2 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # R3600-2
Description  WIDE BAND ISOLATION TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

R3600-2 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  R3600-2 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WIDE BAND ISOLATION
TRANSFORMER
• For RF, DS3/E3, Boradband, BPL and Ethernet Magnetics
which require Supplementary or Reinforced Isolation
• Construction complies with IEC60950 Isolation requirement
• RoHS Compliant Product
• Operating Temp : 0°C to 70°C (extended temperature
subject to request)
Product performance is limited to specified parameter. Data is subject to change without prior notice.
R3600-XX
1004JW
Mechanical
Schematic
R3600 SERIES
ELECTRICAL SPECIFICATION @ 25°C
PART NO
Turns
Pri OCL
Pri DCR
Insertion Loss Insertion Loss Insertion Loss
Hipot
Schematic
Ratio
(µH) Min
(W) Max
dB Max
dB Max
dB Typ
V
RMS
R3600-
Pri : Sec ±5%
1-4
1-4
1MHz
100MHz
300MHz
Pri to Sec
1
1:1
500
0.30
-0.5
-1.0
-2.6
4500
B
2
1CT:1CT
800
0.50
-0.5
-1.2
-3.5
3000
A
3
1:2
120
0.20
-0.8
-1.0
-1.5
4500
B
4
1:1:1
120
0.20
-0.8
-1.0
-1.5
4500
C
5
3 : 3 : 1
200
0.30
-0.5
-1.0
-3.0
3000
C
6
1:1.224
500
0.50
-0.8
-1.0
-3.0
3000
B
Schematic A
Schematic B
Schematic C
2570 W. 237th Street, Suite B
Tel: (310) 325-1043
www.mpsind.com
Torrance, CA 90505
Fax: (310) 325-1044
sales@mpsind.com
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
Note:
• OCL measured @ 100KHz, 0.1V
RMS at Pin 1-4 (with 2-3 shorted)
• Insertion Loss measured with 100W as Input (Primary) Impedance between 1-4 and Output (Secondary) load with respective impedance
• 50W and 75W impedance data available upon request


Similar Part No. - R3600-2

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R3600-02 HAMAMATSU-R3600-02 Datasheet
321Kb / 8P
   LARGE PHOTOCATHODE AREA PHOTOMULTIPLIER TUBES
More results

Similar Description - R3600-2

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1200-4 RHOMBUS-IND-T-1200-4 Datasheet
30Kb / 1P
   WIDE BAND TRANSFORMER
logo
XFMRS Inc.
XFWB2256-SM XFMRS-XFWB2256-SM Datasheet
45Kb / 1P
   Wide Band Transformer
XFWB1040 XFMRS-XFWB1040 Datasheet
26Kb / 1P
   Wide Band Transformer
XFWB1155-AM XFMRS-XFWB1155-AM Datasheet
46Kb / 1P
   Wide Band Transformer
XFWB1040 XFMRS-XFWB1040_15 Datasheet
26Kb / 1P
   Wide Band Transformer
XFWB1040 XFMRS-XFWB1040 Datasheet
26Kb / 1P
   Wide Band Transformer
logo
Rhombus Industries Inc.
T-1200-4G RHOMBUS-IND-T-1200-4G Datasheet
30Kb / 1P
   WIDE BAND TRANSFORMER
logo
XFMRS Inc.
XFWB0776-AN XFMRS-XFWB0776-AN Datasheet
35Kb / 1P
   Wide Band RF Transformer
XFWB0746-CN XFMRS-XFWB0746-CN Datasheet
35Kb / 1P
   Wide Band RF Transformer
logo
PCA ELECTRONICS INC.
EPR1623SE PCA-EPR1623SE Datasheet
41Kb / 1P
   Dual Wide Band Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com