Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECEC1KP152CJ Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECEC1KP152CJ
Description  Snap-in Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1KP152CJ Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECEC1KP152CJ Datasheet HTML 1Page - Panasonic Semiconductor ECEC1KP152CJ Datasheet HTML 2Page - Panasonic Semiconductor ECEC1KP152CJ Datasheet HTML 3Page - Panasonic Semiconductor ECEC1KP152CJ Datasheet HTML 4Page - Panasonic Semiconductor ECEC1KP152CJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC1KP152CJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC1KP152CJ Datasheet HTML 7Page - Panasonic Semiconductor ECEC1KP152CJ Datasheet HTML 8Page - Panasonic Semiconductor ECEC1KP152CJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Aluminum Electrolytic Capacitors/ UP
 EE176 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
35
n
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
33000
35
40
6.84
0.40
ECEC1EP333EJ
100
39000
35
45
7.36
0.46
ECEC1EP393EJ
100
47000
35
50
8.00
0.54
ECEC1EP473EJ
100
4700
22
30
3.26
0.35
ECEC1VP472BJ
200
25
25
3.26
0.35
ECEC1VP472CJ
200
5600
22
30
3.36
0.35
ECEC1VP562BJ
200
25
25
3.36
0.35
ECEC1VP562CJ
200
6800
22
35
3.68
0.35
ECEC1VP682BJ
200
25
30
3.68
0.35
ECEC1VP682CJ
200
8200
22
40
4.00
0.35
ECEC1VP822BJ
200
25
35
4.00
0.35
ECEC1VP822CJ
200
10000
22
45
4.42
0.35
ECEC1VP103BJ
200
25
40
4.42
0.35
ECEC1VP103CJ
200
30
30
4.42
0.35
ECEC1VP103DJ
200
35
25
4.42
0.35
ECEC1VP103EJ
200
12000
25
45
5.05
0.35
ECEC1VP123CJ
200
30
35
5.05
0.35
ECEC1VP123DJ
100
35
30
5.05
0.35
ECEC1VP123EJ
200
15000
25
50
5.57
0.35
ECEC1VP153CJ
200
30
40
5.57
0.35
ECEC1VP153DJ
100
35
30
5.57
0.35
ECEC1VP153EJ
200
18000
30
45
5.68
0.35
ECEC1VP183DJ
100
35
35
5.68
0.35
ECEC1VP183EJ
100
22000
30
50
6.10
0.35
ECEC1VP223DJ
100
35
40
6.10
0.35
ECEC1VP223EJ
100
27000
35
45
6.84
0.35
ECEC1VP273EJ
100
33000
35
50
7.15
0.35
ECEC1VP333EJ
100
3300
22
30
2.73
0.30
ECEC1HP332BJ
200
25
25
2.73
0.30
ECEC1HP332CJ
200
3900
22
30
2.75
0.30
ECEC1HP392BJ
200
25
25
2.75
0.30
ECEC1HP392CJ
200
4700
22
35
3.03
0.30
ECEC1HP472BJ
200
25
30
3.03
0.30
ECEC1HP472CJ
200
30
25
3.03
0.30
ECEC1HP472DJ
200
5600
22
40
3.42
0.30
ECEC1HP562BJ
200
25
35
3.42
0.30
ECEC1HP562CJ
200
30
30
3.42
0.30
ECEC1HP562DJ
200
6800
22
50
3.85
0.30
ECEC1HP682BJ
200
25
40
3.85
0.30
ECEC1HP682CJ
200
30
30
3.85
0.30
ECEC1HP682DJ
200
8200
25
45
4.41
0.30
ECEC1HP822CJ
200
30
35
4.41
0.30
ECEC1HP822DJ
100
Endurance : 85
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
25
50
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)


Similar Part No. - ECEC1KP152CJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1KA102BJ PANASONIC-ECEC1KA102BJ Datasheet
102Kb / 7P
   Snap-in Type
ECEC1KA102CJ PANASONIC-ECEC1KA102CJ Datasheet
102Kb / 7P
   Snap-in Type
ECEC1KA122BJ PANASONIC-ECEC1KA122BJ Datasheet
102Kb / 7P
   Snap-in Type
ECEC1KA122CJ PANASONIC-ECEC1KA122CJ Datasheet
102Kb / 7P
   Snap-in Type
ECEC1KA152BJ PANASONIC-ECEC1KA152BJ Datasheet
102Kb / 7P
   Snap-in Type
More results

Similar Description - ECEC1KP152CJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com