Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETXB2F181HJ Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EETXB2F181HJ
Description  Snap-in Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETXB2F181HJ Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EETXB2F181HJ Datasheet HTML 1Page - Panasonic Semiconductor EETXB2F181HJ Datasheet HTML 2Page - Panasonic Semiconductor EETXB2F181HJ Datasheet HTML 3Page - Panasonic Semiconductor EETXB2F181HJ Datasheet HTML 4Page - Panasonic Semiconductor EETXB2F181HJ Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ XB
Standard Products
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
315
82
22
25
EETXB2F820HJ
0.64
0.15
200
100
22
30
EETXB2F101HJ
0.69
0.15
200
120
22
30
EETXB2F121HJ
0.75
0.15
200
25
25
EETXB2F121JJ
0.75
0.15
200
150
22
35
EETXB2F151HJ
0.82
0.15
200
25
30
EETXB2F151JJ
0.82
0.15
200
30
25
EETXB2F151KJ
0.82
0.15
200
180
22
40
EETXB2F181HJ
0.90
0.15
200
25
35
EETXB2F181JJ
0.90
0.15
200
30
25
EETXB2F181KJ
0.90
0.15
200
220
22
45
EETXB2F221HJ
1.00
0.15
200
25
40
EETXB2F221JJ
1.00
0.15
200
30
30
EETXB2F221KJ
1.00
0.15
200
270
25
45
EETXB2F271JJ
1.10
0.15
200
30
35
EETXB2F271KJ
1.10
0.15
100
35
30
EETXB2F271LJ
1.10
0.15
200
330
25
50
EETXB2F331JJ
1.20
0.15
200
30
40
EETXB2F331KJ
1.20
0.15
100
35
30
EETXB2F331LJ
1.20
0.15
200
390
30
45
EETXB2F391KJ
1.30
0.15
100
35
35
EETXB2F391LJ
1.30
0.15
100
470
30
50
EETXB2F471KJ
1.40
0.15
100
35
40
EETXB2F471LJ
1.40
0.15
100
560
35
45
EETXB2F561LJ
1.50
0.15
100
680
35
50
EETXB2F681LJ
1.70
0.15
100
350
82
22
25
EETXB2V820HJ
0.64
0.15
200
100
22
30
EETXB2V101HJ
0.69
0.15
200
25
25
EETXB2V101JJ
0.69
0.15
200
120
22
35
EETXB2V121HJ
0.75
0.15
200
25
30
EETXB2V121JJ
0.75
0.15
200
150
22
40
EETXB2V151HJ
0.82
0.15
200
25
30
EETXB2V151JJ
0.82
0.15
200
30
25
EETXB2V151KJ
0.82
0.15
200
180
22
45
EETXB2V181HJ
0.90
0.15
200
25
35
EETXB2V181JJ
0.90
0.15
200
30
30
EETXB2V181KJ
0.90
0.15
200
220
22
50
EETXB2V221HJ
1.00
0.15
200
25
40
EETXB2V221JJ
1.00
0.15
200
30
30
EETXB2V221KJ
1.00
0.15
200
270
25
50
EETXB2V271JJ
1.10
0.15
200
30
35
EETXB2V271KJ
1.10
0.15
100
35
30
EETXB2V271LJ
1.10
0.15
200
330
30
45
EETXB2V331KJ
1.20
0.15
100
35
35
EETXB2V331LJ
1.20
0.15
100
390
30
50
EETXB2V391KJ
1.30
0.15
100
35
40
EETXB2V391LJ
1.30
0.15
100
470
35
40
EETXB2V471LJ
1.40
0.15
100
560
35
50
EETXB2V561LJ
1.50
0.15
100
Endurance : 105 °C 7000 h, Terminal Pitch : 10 mm
✽ When capacitors of φ35 45L and φ35 50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
Jul. 2008


Similar Part No. - EETXB2F181HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETXB2D102D PANASONIC-EETXB2D102D Datasheet
435Kb / 37P
   Large Can Aluminum Electrolytic Capacitors
EETXB2D102E PANASONIC-EETXB2D102E Datasheet
435Kb / 37P
   Large Can Aluminum Electrolytic Capacitors
EETXB2D122D PANASONIC-EETXB2D122D Datasheet
435Kb / 37P
   Large Can Aluminum Electrolytic Capacitors
EETXB2D122E PANASONIC-EETXB2D122E Datasheet
435Kb / 37P
   Large Can Aluminum Electrolytic Capacitors
EETXB2D152E PANASONIC-EETXB2D152E Datasheet
435Kb / 37P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - EETXB2F181HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com