Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETED2Q152LJ Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EETED2Q152LJ
Description  Snap-in Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETED2Q152LJ Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EETED2Q152LJ Datasheet HTML 1Page - Panasonic Semiconductor EETED2Q152LJ Datasheet HTML 2Page - Panasonic Semiconductor EETED2Q152LJ Datasheet HTML 3Page - Panasonic Semiconductor EETED2Q152LJ Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ ED
Standard Products
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(50 kHz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
250
220
22
30
EETED2E221HJ
1.83
0.15
200
270
22
30
EETED2E271HJ
2.03
0.15
200
25
25
EETED2E271JJ
2.03
0.15
200
330
22
35
EETED2E331HJ
2.23
0.15
200
25
30
EETED2E331JJ
2.23
0.15
200
390
22
40
EETED2E391HJ
2.44
0.15
200
25
30
EETED2E391JJ
2.44
0.15
200
30
25
EETED2E391KJ
2.44
0.15
200
470
22
45
EETED2E471HJ
2.64
0.15
200
25
35
EETED2E471JJ
2.64
0.15
200
30
30
EETED2E471KJ
2.64
0.15
200
560
25
40
EETED2E561JJ
3.05
0.15
200
30
30
EETED2E561KJ
3.05
0.15
200
35
25
EETED2E561LJ
3.05
0.15
200
680
25
45
EETED2E681JJ
3.45
0.15
200
30
35
EETED2E681KJ
3.45
0.15
100
35
30
EETED2E681LJ
3.45
0.15
200
820
30
40
EETED2E821KJ
3.76
0.15
100
35
35
EETED2E821LJ
3.76
0.15
100
1000
30
50
EETED2E102KJ
4.06
0.15
100
35
40
EETED2E102LJ
4.06
0.15
100
1200
35
45
EETED2E122LJ
4.47
0.15
100
1500
35
50
EETED2E152LJ
5.08
0.15
100
400
82
22
25
EETED2G820HJ
1.14
0.15
200
100
22
30
EETED2G101HJ
1.30
0.15
200
25
25
EETED2G101JJ
1.30
0.15
200
120
22
35
EETED2G121HJ
1.46
0.15
200
25
30
EETED2G121JJ
1.46
0.15
200
150
22
40
EETED2G151HJ
1.53
0.15
200
25
30
EETED2G151JJ
1.53
0.15
200
30
25
EETED2G151KJ
1.53
0.15
200
180
22
45
EETED2G181HJ
1.60
0.15
200
25
35
EETED2G181JJ
1.60
0.15
200
30
30
EETED2G181KJ
1.60
0.15
200
220
22
50
EETED2G221HJ
2.03
0.15
200
25
40
EETED2G221JJ
2.03
0.15
200
30
30
EETED2G221KJ
2.03
0.15
200
35
25
EETED2G221LJ
2.03
0.15
200
270
25
45
EETED2G271JJ
2.23
0.15
200
30
35
EETED2G271KJ
2.23
0.15
100
35
30
EETED2G271LJ
2.23
0.15
200
330
30
40
EETED2G331KJ
2.44
0.15
100
35
30
EETED2G331LJ
2.44
0.15
200
390
30
45
EETED2G391KJ
2.64
0.15
100
35
35
EETED2G391LJ
2.64
0.15
100
470
35
40
EETED2G471LJ
2.84
0.15
100
560
35
45
EETED2G561LJ
3.05
0.15
100
Endurance : 105 °C 3000 h
Terminal Pitch : 10 mm
✽ When capacitors of φ35 45L and φ35 50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
Jul. 2008


Similar Part No. - EETED2Q152LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETED2Q152LJ PANASONIC-EETED2Q152LJ Datasheet
70Kb / 5P
   Aluminum Electrolytic Capacitors/ ED
More results

Similar Description - EETED2Q152LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com