Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECEC2EG151EX Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECEC2EG151EX
Description  Snap-in Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC2EG151EX Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECEC2EG151EX Datasheet HTML 1Page - Panasonic Semiconductor ECEC2EG151EX Datasheet HTML 2Page - Panasonic Semiconductor ECEC2EG151EX Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Aluminium Electrolytic Capacitors/EX
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE174 –
250
(A)
(mm)
(V)
(µF)
s
(mm)
Condition A (70
°C)
(pcs)
6.3mm
4.0mm
Min.PackagingQ'ty
(Standard Terminals)
Terminal Length
Part No.
Terminal Length
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+105
°C)
Standard Products
Endurance : 105
°C 2000 h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
100
22
25
0.70
0.20
ECOS2EG101DX ECEC2EG101DX
200
120
22
30
0.75
0.20
ECOS2EG121EX ECEC2EG121EX
200
150
22
30
0.80
0.20
ECOS2EG151EX ECEC2EG151EX
200
25
25
0.80
0.20
ECOS2EG151JX ECEC2EG151JX
200
180
22
35
0.90
0.20
ECOS2EG181FX ECEC2EG181FX
200
25
30
0.90
0.20
ECOS2EG181KX ECEC2EG181KX
200
220
22
40
1.00
0.20
ECOS2EG221GX ECEC2EG221GX
200
25
30
1.00
0.20
ECOS2EG221KX ECEC2EG221KX
200
30
25
1.00
0.20
ECOS2EG221QX ECEC2EG221QX
100
270
22
45
1.10
0.20
ECOS2EG271GX ECEC2EG271GX
200
25
35
1.10
0.20
ECOS2EG271LX ECEC2EG271LX
200
30
30
1.10
0.20
ECOS2EG271RX ECEC2EG271RX
100
330
22
50
1.20
0.20
ECOS2EG331HX ECEC2EG331HX
200
25
40
1.20
0.20
ECOS2EG331MX ECEC2EG331MX
200
30
30
1.20
0.20
ECOS2EG331RX ECEC2EG331RX
100
35
25
1.20
0.20
ECOS2EG331WX ECEC2EG331WX
100
390
25
45
1.30
0.20
ECOS2EG391MX ECEC2EG391MX
200
30
35
1.30
0.20
ECOS2EG391SX ECEC2EG391SX
100
35
30
1.30
0.20
ECOS2EG391XX ECEC2EG391XX
100
470
25
50
1.40
0.20
ECOS2EG471NX ECEC2EG471NX
200
30
40
1.40
0.20
ECOS2EG471TX ECEC2EG471TX
100
35
30
1.40
0.20
ECOS2EG471XX ECEC2EG471XX
100
560
30
45
1.50
0.20
ECOS2EG561TX ECEC2EG561TX
100
35
35
1.50
0.20
ECOS2EG561VX ECEC2EG561VX
100
680
30
50
1.70
0.20
ECOS2EG681UX ECEC2EG681UX
100
35
40
1.70
0.20
ECOS2EG681YX ECEC2EG681YX
100
820
35
45
2.00
0.20
ECOS2EG821YX ECEC2EG821YX
100
1000
35
50
2.20
0.20
ECOS2EG102ZX ECEC2EG102ZX
100
D.F.
(120Hz)
(+20
°C)
(Without P.V.C. plate)
(Without P.V.C. plate)
Mar. 2005


Similar Part No. - ECEC2EG151EX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC2EB102DJ PANASONIC-ECEC2EB102DJ Datasheet
71Kb / 5P
   Snap-in Type
ECEC2EB102EJ PANASONIC-ECEC2EB102EJ Datasheet
71Kb / 5P
   Snap-in Type
ECEC2EB122EJ PANASONIC-ECEC2EB122EJ Datasheet
71Kb / 5P
   Snap-in Type
ECEC2EB152EJ PANASONIC-ECEC2EB152EJ Datasheet
71Kb / 5P
   Snap-in Type
ECEC2EB331CJ PANASONIC-ECEC2EB331CJ Datasheet
71Kb / 5P
   Snap-in Type
More results

Similar Description - ECEC2EG151EX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com