Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETHC1H472JJ Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # EETHC1H472JJ
Description  Snap-in Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1H472JJ Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button EETHC1H472JJ Datasheet HTML 5Page - Panasonic Semiconductor EETHC1H472JJ Datasheet HTML 6Page - Panasonic Semiconductor EETHC1H472JJ Datasheet HTML 7Page - Panasonic Semiconductor EETHC1H472JJ Datasheet HTML 8Page - Panasonic Semiconductor EETHC1H472JJ Datasheet HTML 9Page - Panasonic Semiconductor EETHC1H472JJ Datasheet HTML 10Page - Panasonic Semiconductor EETHC1H472JJ Datasheet HTML 11Page - Panasonic Semiconductor EETHC1H472JJ Datasheet HTML 12Page - Panasonic Semiconductor EETHC1H472JJ Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HC
Standard Products
Endurance : 105 °C 2000 h, Terminal Pitch : 10 mm
✽When capacitors of φ35 45L and φ35 50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
400
100
22
25
EETHC2G101HJ
0.70
0.15
200
120
22
30
EETHC2G121HJ
0.75
0.15
200
150
22
30
EETHC2G151HJ
0.88
0.15
200
25
25
EETHC2G151JC
0.88
0.15
200
180
22
35
EETHC2G181HJ
0.95
0.15
200
25
30
EETHC2G181JJ
0.95
0.15
200
220
22
40
EETHC2G221HC
1.10
0.15
200
22
45
EETHC2G221HJ
1.10
0.15
200
25
35
EETHC2G221JJ
1.10
0.15
200
30
25
EETHC2G221KJ
1.10
0.15
200
270
22
45
EETHC2G271HC
1.22
0.15
200
22
50
EETHC2G271HJ
1.22
0.15
200
25
40
EETHC2G271JJ
1.22
0.15
200
30
30
EETHC2G271KJ
1.22
0.15
200
35
25
EETHC2G271LJ
1.22
0.15
200
330
25
45
EETHC2G331JJ
1.44
0.15
200
30
30
EETHC2G331KC
1.44
0.15
200
30
35
EETHC2G331KJ
1.44
0.15
100
35
30
EETHC2G331LJ
1.44
0.15
200
390
25
50
EETHC2G391JJ
1.55
0.15
200
30
35
EETHC2G391KC
1.55
0.15
100
30
40
EETHC2G391KJ
1.55
0.15
100
35
30
EETHC2G391LJ
1.55
0.15
200
470
30
45
EETHC2G471KJ
1.68
0.15
100
35
35
EETHC2G471LJ
1.68
0.15
100
560
30
45
EETHC2G561KC
1.90
0.15
100
30
50
EETHC2G561KJ
1.90
0.15
100
35
40
EETHC2G561LJ
1.90
0.15
100
680
35
45
EETHC2G681LJ
2.12
0.15
100
820
35
50
EETHC2G821LJ
2.30
0.15
100
Jul. 2008


Similar Part No. - EETHC1H472JJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1H472JJ PANASONIC-EETHC1H472JJ Datasheet
656Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
More results

Similar Description - EETHC1H472JJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com