Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECEG1AU394F Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECEG1AU394F
Description  Screw Terminal Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEG1AU394F Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECEG1AU394F Datasheet HTML 1Page - Panasonic Semiconductor ECEG1AU394F Datasheet HTML 2Page - Panasonic Semiconductor ECEG1AU394F Datasheet HTML 3Page - Panasonic Semiconductor ECEG1AU394F Datasheet HTML 4Page - Panasonic Semiconductor ECEG1AU394F Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Aluminium Electrolytic Capacitors/GYU
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE179 –
80
35
Endurance : 85
°C 2000h
n
(mm)
(V)
(µF)
(A)
(mm)
(mm)
No
( ):Mounting Clamp
2point
clamp clamp
3 point
Terminal
Part No.
Specification
Dia.
Length
Case size
Cap.
(-10 to +30%)
W.V.
Ripple
current
(120Hz)
(+85˚C)
Pitch
Standard Products
56000
51
83
8.7
0.35
22.0
ECEG1VU563L( )
N
C
F
68000
51
103
10.5
0.35
22.0
ECEG1VU683K( )
N
C
F
82000
51
125
12.3
0.35
22.0
ECEG1VU823J( )
N
C
F
100000
51
145
15.0
0.35
22.0
ECEG1VU104H( )
N
C
F
120000
64
103
15.2
0.50
28.6
ECEG1VU124G( )
N
C
F
150000
64
125
16.3
0.50
28.6
ECEG1VU154F( )
N
C
F
180000
64
145
18.1
0.50
28.6
ECEG1VU184E( )
N
C
F
220000
77
125
18.7
0.75
31.8
ECEG1VU224D( )
N
C
F
270000
77
145
22.0
0.75
31.8
ECEG1VU274C( )
N
C
F
330000
90
150
25.0
0.90
31.8
ECEG1VU334A( )
N
F
15000
36
83
3.8
0.30
13.0
ECEG1HU153P( )
N
F
18000
36
103
4.5
0.30
13.0
ECEG1HU183N( )
N
F
22000
36
125
5.5
0.30
13.0
ECEG1HU223M( )
N
F
33000
51
83
6.7
0.35
22.0
ECEG1HU333L( )
N
C
F
47000
51
103
8.7
0.35
22.0
ECEG1HU473K( )
N
C
F
56000
51
125
10.2
0.35
22.0
ECEG1HU563J( )
N
C
F
50
68000
51
145
12.2
0.35
22.0
ECEG1HU683H( )
N
C
F
82000
64
103
13.1
0.50
28.6
ECEG1HU823G( )
N
C
F
100000
64
125
16.2
0.50
28.6
ECEG1HU104F( )
N
C
F
120000
64
145
17.7
0.50
28.6
ECEG1HU124E( )
N
C
F
150000
77
125
18.1
0.75
31.8
ECEG1HU154D( )
N
C
F
180000
77
145
21.2
0.75
31.8
ECEG1HU184C( )
N
C
F
220000
90
150
26.2
0.90
31.8
ECEG1HU224A( )
N
F
10000
36
83
3.7
0.25
13.0
ECEG1JU103P( )
N
F
15000
36
103
5.0
0.25
13.0
ECEG1JU153N( )
N
F
18000
36
125
6.0
0.25
13.0
ECEG1JU183M( )
N
F
27000
51
83
7.6
0.30
22.0
ECEG1JU273L( )
N
C
F
33000
51
103
9.7
0.30
22.0
ECEG1JU333K( )
N
C
F
39000
51
125
10.7
0.30
22.0
ECEG1JU393J( )
N
C
F
63
47000
51
145
12.5
0.30
22.0
ECEG1JU473H( )
N
C
F
56000
64
103
13.7
0.40
28.6
ECEG1JU563G( )
N
C
F
68000
64
125
16.2
0.40
28.6
ECEG1JU683F( )
N
C
F
82000
64
145
20.0
0.40
28.6
ECEG1JU823E( )
N
C
F
100000
77
125
20.6
0.50
31.8
ECEG1JU104D( )
N
C
F
120000
77
145
23.7
0.50
31.8
ECEG1JU124C( )
N
C
F
180000
90
150
31.2
0.60
31.8
ECEG1JU184A( )
N
F
8200
36
83
3.5
0.25
13.0
ECEG1KU822P( )
N
F
10000
36
103
4.3
0.25
13.0
ECEG1KU103N( )
N
F
12000
36
125
5.0
0.25
13.0
ECEG1KU123M( )
N
F
18000
51
83
6.2
0.25
22.0
ECEG1KU183L( )
N
C
F
22000
51
103
7.5
0.25
22.0
ECEG1KU223K( )
N
C
F
27000
51
125
9.0
0.25
22.0
ECEG1KU273J( )
N
C
F
D.F.
(120Hz)
(+20
°C)
Mar. 2005


Similar Part No. - ECEG1AU394F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEG2CG103E PANASONIC-ECEG2CG103E Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2CG123D PANASONIC-ECEG2CG123D Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2CG153C PANASONIC-ECEG2CG153C Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2CG182P PANASONIC-ECEG2CG182P Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2CG222N PANASONIC-ECEG2CG222N Datasheet
58Kb / 3P
   Screw Terminal Type
More results

Similar Description - ECEG1AU394F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECOG2VU102M PANASONIC-ECOG2VU102M Datasheet
64Kb / 2P
   Screw Terminal Type
ECOG2CP123D PANASONIC-ECOG2CP123D Datasheet
68Kb / 3P
   Screw Terminal Type
EEGXB2V222G PANASONIC-EEGXB2V222G Datasheet
60Kb / 3P
   Screw Terminal Type
ECEG2CH152P PANASONIC-ECEG2CH152P Datasheet
60Kb / 3P
   Screw Terminal Type
EEGTA2W272G PANASONIC-EEGTA2W272G Datasheet
51Kb / 2P
   Screw Terminal Type
ECEG2CG182P PANASONIC-ECEG2CG182P Datasheet
58Kb / 3P
   Screw Terminal Type
logo
METZ CONNECT GmbH
312491XX METZ-312491XX Datasheet
294Kb / 5P
   screw type terminal block, pluggable
311571XX METZ-311571XX Datasheet
366Kb / 6P
   screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
   screw type terminal block, pluggable
310611XX METZ-310611XX Datasheet
254Kb / 5P
   screw type terminal block, solderable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com