Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2172 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2172
Description  ISM BAND 3.6V, 250MW AMP WITH ANALOG GAIN CONTROL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2172 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2172 Datasheet HTML 4Page - RF Micro Devices RF2172 Datasheet HTML 5Page - RF Micro Devices RF2172 Datasheet HTML 6Page - RF Micro Devices RF2172 Datasheet HTML 7Page - RF Micro Devices RF2172 Datasheet HTML 8Page - RF Micro Devices RF2172 Datasheet HTML 9Page - RF Micro Devices RF2172 Datasheet HTML 10Page - RF Micro Devices RF2172 Datasheet HTML 11Page - RF Micro Devices RF2172 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2-222
RF2172
Rev A9 010823
2
POUT versus VAPC
VCC =3.6 V, Freq =2.45 GHz, PIN =0 dBm
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
VAPC(V)
Pout@-40C
Pout@+25C
Pout@+85C
POUT versus VAPC
VCC =3.6 V, Freq =2.45 GHz, PIN =0 dBm
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.00
0.40
0.80
1.20
1.60
2.00
2.40
2.80
3.20
3.60
VAPC (V)
Icc@-40C
Icc@+25C
Icc@+85C
f0,2f0 over Frequency
VCC=VAPC=3.6 V, PIN=0 dBm
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
2400.0
2420.0
2440.0
2460.0
2480.0
2500.0
Frequency (MHz)
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
f0@-40C
f0@+25C
f0@+85C
2f0@-40C
2f0@+25C
2f0@+85C
POUT versus PIN
VCC -VAPC =3.0 V, Freq =2.45 GHz
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
PIN (dBm)
Pout@-40C
Pout@+25C
Pout@+85C
ICC versus PIN
VCC =VAPC =3.0 V, Freq =2.45 GHz
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
5.00
PIN (dBm)
Icc@-40C
Icc@+25C
Icc@+85C
Efficiency versus PIN
VCC =VAPC =3.0 V, Freq =2.45 GHz
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
PIN (dBm)
Eff@-40C
Eff@+25C
Eff@+85C


Similar Part No. - RF2172

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2172 RFMD-RF2172 Datasheet
333Kb / 14P
   ISM BAND 3.6V, 250mW AMP WITH ANALOG GAIN CONTROL
RF2172PCBA410 RFMD-RF2172PCBA410 Datasheet
333Kb / 14P
   ISM BAND 3.6V, 250mW AMP WITH ANALOG GAIN CONTROL
RF2172PCBA411 RFMD-RF2172PCBA411 Datasheet
333Kb / 14P
   ISM BAND 3.6V, 250mW AMP WITH ANALOG GAIN CONTROL
RF2172 RFMD-RF2172_06 Datasheet
333Kb / 14P
   ISM BAND 3.6V, 250mW AMP WITH ANALOG GAIN CONTROL
More results

Similar Description - RF2172

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2172 RFMD-RF2172_06 Datasheet
333Kb / 14P
   ISM BAND 3.6V, 250mW AMP WITH ANALOG GAIN CONTROL
logo
Qorvo, Inc
RFPA2172 QORVO-RFPA2172 Datasheet
462Kb / 12P
   ISM Band 3.6V, 250mW AMP with Analog Gain Control
logo
Maxim Integrated Produc...
MAX2232 MAXIM-MAX2232 Datasheet
156Kb / 8P
   900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control
19-1470; Rev 0; 4/99
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
   Variable Gain Amplifier with Analog Control
logo
Analog Devices
ADUCRF101 AD-ADUCRF101 Datasheet
3Mb / 26P
   Precision Analog Microcontroller ARM Cortex - M3 with ISM band
Rev. PrD
logo
Maxim Integrated Produc...
MAX3861 MAXIM-MAX3861 Datasheet
1Mb / 13P
   2.7Gbps Post Amp with Automatic Gain Control
Rev 0; 02/02
MAX2056 MAXIM-MAX2056 Datasheet
716Kb / 12P
   800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 2/05
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
   1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
MAX2057 MAXIM-MAX2057_V01 Datasheet
464Kb / 13P
   1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com