Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETXB2E331HJ Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EETXB2E331HJ
Description  Snap-in Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETXB2E331HJ Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EETXB2E331HJ Datasheet HTML 1Page - Panasonic Semiconductor EETXB2E331HJ Datasheet HTML 2Page - Panasonic Semiconductor EETXB2E331HJ Datasheet HTML 3Page - Panasonic Semiconductor EETXB2E331HJ Datasheet HTML 4Page - Panasonic Semiconductor EETXB2E331HJ Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ XB
Standard Products
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
200
220
22
25
EETXB2D221HJ
1.00
0.15
200
270
22
30
EETXB2D271HJ
1.10
0.15
200
25
25
EETXB2D271JJ
1.10
0.15
200
330
22
30
EETXB2D331HJ
1.20
0.15
200
25
25
EETXB2D331JJ
1.20
0.15
200
390
22
35
EETXB2D391HJ
1.30
0.15
200
25
30
EETXB2D391JJ
1.30
0.15
200
30
25
EETXB2D391KJ
1.30
0.15
200
470
22
40
EETXB2D471HJ
1.40
0.15
200
25
35
EETXB2D471JJ
1.40
0.15
200
30
30
EETXB2D471KJ
1.40
0.15
200
560
22
45
EETXB2D561HJ
1.50
0.15
200
25
35
EETXB2D561JJ
1.50
0.15
200
30
30
EETXB2D561KJ
1.50
0.15
200
680
25
40
EETXB2D681JJ
1.70
0.15
200
30
35
EETXB2D681KJ
1.70
0.15
100
820
25
50
EETXB2D821JJ
2.00
0.15
200
30
40
EETXB2D821KJ
2.00
0.15
100
35
30
EETXB2D821LJ
2.00
0.15
200
1000
30
45
EETXB2D102KJ
2.20
0.15
100
35
35
EETXB2D102LJ
2.20
0.15
100
1200
30
50
EETXB2D122KJ
2.30
0.15
100
35
40
EETXB2D122LJ
2.30
0.15
100
1500
35
50
EETXB2D152LJ
2.50
0.15
100
250
180
22
30
EETXB2E181HJ
0.90
0.15
200
25
25
EETXB2E181JJ
0.90
0.15
200
220
22
30
EETXB2E221HJ
1.00
0.15
200
25
25
EETXB2E221JJ
1.00
0.15
200
270
22
35
EETXB2E271HJ
1.10
0.15
200
25
30
EETXB2E271JJ
1.10
0.15
200
30
25
EETXB2E271KJ
1.10
0.15
200
330
22
40
EETXB2E331HJ
1.20
0.15
200
25
35
EETXB2E331JJ
1.20
0.15
200
30
25
EETXB2E331KJ
1.20
0.15
200
390
22
45
EETXB2E391HJ
1.30
0.15
200
25
35
EETXB2E391JJ
1.30
0.15
200
30
30
EETXB2E391KJ
1.30
0.15
200
470
25
45
EETXB2E471JJ
1.40
0.15
200
30
35
EETXB2E471KJ
1.40
0.15
100
35
30
EETXB2E471LJ
1.40
0.15
200
560
25
50
EETXB2E561JJ
1.50
0.15
200
30
35
EETXB2E561KJ
1.50
0.15
100
35
30
EETXB2E561LJ
1.50
0.15
200
680
30
45
EETXB2E681KJ
1.70
0.15
100
35
35
EETXB2E681LJ
1.70
0.15
100
820
30
50
EETXB2E821KJ
2.00
0.15
100
35
40
EETXB2E821LJ
2.00
0.15
100
1000
35
45
EETXB2E102LJ
2.20
0.15
100
1200
35
50
EETXB2E122LJ
2.30
0.15
100
Endurance : 105 °C 7000 h, Terminal Pitch : 10 mm
✽ When capacitors of φ35 45L and φ35 50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
Jul. 2008


Similar Part No. - EETXB2E331HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETXB2D102D PANASONIC-EETXB2D102D Datasheet
435Kb / 37P
   Large Can Aluminum Electrolytic Capacitors
EETXB2D102E PANASONIC-EETXB2D102E Datasheet
435Kb / 37P
   Large Can Aluminum Electrolytic Capacitors
EETXB2D122D PANASONIC-EETXB2D122D Datasheet
435Kb / 37P
   Large Can Aluminum Electrolytic Capacitors
EETXB2D122E PANASONIC-EETXB2D122E Datasheet
435Kb / 37P
   Large Can Aluminum Electrolytic Capacitors
EETXB2D152E PANASONIC-EETXB2D152E Datasheet
435Kb / 37P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - EETXB2E331HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com