Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECA2AMH331 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECA2AMH331
Description  Radial Lead Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA2AMH331 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECA2AMH331 Datasheet HTML 1Page - Panasonic Semiconductor ECA2AMH331 Datasheet HTML 2Page - Panasonic Semiconductor ECA2AMH331 Datasheet HTML 3Page - Panasonic Semiconductor ECA2AMH331 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Aluminium Electrolytic Capacitors/MH
— EE99 —
A
.
MH
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5mm, 7.5mm.
i=2.5mm.
The taping dimensions are explained on p.25 of our Catalog. Please use it as a reference guide.
Endurance : 105
°C 1000 h
(mm)
i
i
n
(mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(m A )
(V)
i
B
Specification
Dia. Length
Case size
Cap.
(±20%)
Lead
Dia.
W.V.
Straight
Taping
Taping
Ripple
current
(120Hz)
(+105
°C)
Lead Length
Straight
Leads
Lead Space
Part No.
Taping
Min.Packaging Q'ty
Standard Products
10
5
11
46
0.12
0.5
2.0
5.0
2.5
ECA2AMH100( )
200
2000
22
6.3
11.2
70
0.12
0.5
2.5
5.0
2.5
ECA2AMH220( )
200
2000
33
8
11.5
90
0.12
0.6
3.5
5.0
ECA2AMH330( )
200
1000
100
47
10
12.5
120
0.12
0.6
5.0
5.0
ECA2AMH470( )
200
500
100
10
20
190
0.12
0.6
5.0
5.0
ECA2AMH101( )
200
500
220
12.5
25
337
0.12
0.6
5.0
5.0
ECA2AMH221( )
200
500
330
16
25
451
0.12
0.8
7.5
7.5
ECA2AMH331( )
100
250
470
16
25
518
0.12
0.8
7.5
7.5
ECA2AMH471( )
100
250
1000
18
35.5
735
0.12
0.8
7.5
ECA2AMH102
50
tan
δ
(120Hz)
(+20
°C)
Mar. 2005


Similar Part No. - ECA2AMH331

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA2AM010 PANASONIC-ECA2AM010 Datasheet
308Kb / 5P
   Radial Lead Type
ECA2AM010 PANASONIC-ECA2AM010 Datasheet
308Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA2AM010 PANASONIC-ECA2AM010 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA2AM010 PANASONIC-ECA2AM010 Datasheet
105Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA2AM010 PANASONIC-ECA2AM010 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
More results

Similar Description - ECA2AMH331

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
   Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
   Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
   Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
   Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
   Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
   Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
   Radial Lead Type
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
   Radial Lead Type
logo
Panasonic Battery Group
EEUFR0J151 PANASONICBATTERY-EEUFR0J151 Datasheet
131Kb / 6P
   Radial Lead Type
Mar. 2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com