Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2162 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2162
Description  3V 900MHZ LINEAR AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2162 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2162 Datasheet HTML 1Page - RF Micro Devices RF2162 Datasheet HTML 2Page - RF Micro Devices RF2162 Datasheet HTML 3Page - RF Micro Devices RF2162 Datasheet HTML 4Page - RF Micro Devices RF2162 Datasheet HTML 5Page - RF Micro Devices RF2162 Datasheet HTML 6Page - RF Micro Devices RF2162 Datasheet HTML 7Page - RF Micro Devices RF2162 Datasheet HTML 8Page - RF Micro Devices RF2162 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary
2-209
RF2162
Rev A17 011011
2
Application Schematic - US TDMA
820
C30
100 pF
100 pF
100 pF
1k
100 pF
12 pF**
4.7 pF**
16 nH*
100 pF
10 nF
1pF
0
TL
1
TL
2
* L1 is a High Q inductor (i.e.,Coilcraft 0805HQ-series).
**C1 and C14 are High Q capacitors (i.e., Johanson C-series).
16
1
13
14
15
2
3
4
9
8
7
6
5
12
11
10
27 nH
P1-1
1.5 nH
TL
5
TL
7
VREG
VMODE
3.6 pF
1.5 nH
100 pF
TL
3
RF OUT
RF IN
2nd Harmonic Trap
Interstage tuning for
centering frequency response
Bypassing for V
CC
To Vary Gain
Bypassing for
V
REG1 and VREG2
Bias Return
Matching network for
optimum load
impedance
15 nH
Matching network for
optimum input return loss
100 pF


Similar Part No. - RF2162

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2162 RFMD-RF2162 Datasheet
244Kb / 10P
   3V 900MHz LINEAR AMPLIFIER
RF2162PCBA RFMD-RF2162PCBA Datasheet
244Kb / 10P
   3V 900MHz LINEAR AMPLIFIER
RF2162 RFMD-RF2162_06 Datasheet
244Kb / 10P
   3V 900MHz LINEAR AMPLIFIER
RF2162 RFMD-RF2162_16 Datasheet
2Mb / 10P
   LINEAR AMPLIFIER
More results

Similar Description - RF2162

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2162 RFMD-RF2162_06 Datasheet
244Kb / 10P
   3V 900MHz LINEAR AMPLIFIER
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
   3V 900MHz LINEAR POWER AMPLIFIER
RF3100-2 RFMD-RF3100-2 Datasheet
118Kb / 6P
   3V 900MHZ LINEAR AMPLIFIER MODULE
RF3105 RFMD-RF3105 Datasheet
124Kb / 6P
   3V 900MHZ LINEAR AMPLIFIER MODULE
RF3117 RFMD-RF3117 Datasheet
118Kb / 6P
   3V 900MHZ LINEAR AMPLIFIER MODULE
RF2192 RFMD-RF2192_1 Datasheet
282Kb / 12P
   3V 900MHz LINEAR POWER AMPLIFIER
RF3300-2 RFMD-RF3300-2 Datasheet
106Kb / 8P
   3V 900MHz LINEAR AMPLIFIER MODULE
RF2192 RFMD-RF2192 Datasheet
131Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com