Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECEC1EA123CJ Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECEC1EA123CJ
Description  Snap-in Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1EA123CJ Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECEC1EA123CJ Datasheet HTML 1Page - Panasonic Semiconductor ECEC1EA123CJ Datasheet HTML 2Page - Panasonic Semiconductor ECEC1EA123CJ Datasheet HTML 3Page - Panasonic Semiconductor ECEC1EA123CJ Datasheet HTML 4Page - Panasonic Semiconductor ECEC1EA123CJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC1EA123CJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC1EA123CJ Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Aluminum Electrolytic Capacitors/ HA
 EE150 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
16
25
35
n
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+105
°C)
27000
30
40
4.2
0.45
ECEC1CA273DJ
100
35
30
4.2
0.45
ECEC1CA273EJ
200
33000
30
45
4.7
0.45
ECEC1CA333DJ
100
35
35
4.7
0.45
ECEC1CA333EJ
100
39000
30
50
5.1
0.51
ECEC1CA393DJ
100
35
40
5.1
0.51
ECEC1CA393EJ
100
47000
35
45
5.5
0.59
ECEC1CA473EJ
100
56000
35
50
6.0
0.68
ECEC1CA563EJ
100
4700
22
25
2.0
0.35
ECEC1EA472BJ
200
5600
22
30
2.2
0.35
ECEC1EA562BJ
200
6800
22
30
2.4
0.35
ECEC1EA682BJ
200
25
25
2.4
0.35
ECEC1EA682CJ
200
8200
22
35
2.7
0.35
ECEC1EA822BJ
200
25
30
2.7
0.35
ECEC1EA822CJ
200
30
25
2.7
0.35
ECEC1EA822DJ
200
10000
22
40
3.0
0.35
ECEC1EA103BJ
200
25
35
3.0
0.35
ECEC1EA103CJ
200
30
30
3.0
0.35
ECEC1EA103DJ
200
12000
22
45
3.2
0.35
ECEC1EA123BJ
200
25
40
3.2
0.35
ECEC1EA123CJ
200
30
30
3.2
0.35
ECEC1EA123DJ
200
35
25
3.2
0.35
ECEC1EA123EJ
200
15000
25
45
3.6
0.35
ECEC1EA153CJ
200
30
35
3.6
0.35
ECEC1EA153DJ
100
35
30
3.6
0.35
ECEC1EA153EJ
200
18000
25
50
3.9
0.35
ECEC1EA183CJ
200
30
40
3.9
0.35
ECEC1EA183DJ
100
35
35
3.9
0.35
ECEC1EA183EJ
100
22000
30
45
4.3
0.35
ECEC1EA223DJ
100
35
35
4.3
0.35
ECEC1EA223EJ
100
27000
35
45
4.8
0.35
ECEC1EA273EJ
100
33000
35
50
5.5
0.35
ECEC1EA333EJ
100
3300
22
25
1.9
0.30
ECEC1VA332BJ
200
3900
22
30
2.0
0.30
ECEC1VA392BJ
200
4700
22
35
2.2
0.30
ECEC1VA472BJ
200
25
25
2.2
0.30
ECEC1VA472CJ
200
5600
22
35
2.4
0.30
ECEC1VA562BJ
200
25
30
2.4
0.30
ECEC1VA562CJ
200
30
25
2.4
0.30
ECEC1VA562DJ
200
6800
22
40
2.6
0.30
ECEC1VA682BJ
200
25
35
2.6
0.30
ECEC1VA682CJ
200
30
30
2.6
0.30
ECEC1VA682DJ
200
Endurance : 105
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
Standard Products
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)


Similar Part No. - ECEC1EA123CJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1EA123CA PANASONIC-ECEC1EA123CA Datasheet
583Kb / 7P
   Aluminum Electrolytic Capacitors
More results

Similar Description - ECEC1EA123CJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com