Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33191P Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC33191P
Description  Automotive 12V ignition driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33191P Datasheet(HTML) 5 Page - Motorola, Inc

  MC33191P Datasheet HTML 1Page - Motorola, Inc MC33191P Datasheet HTML 2Page - Motorola, Inc MC33191P Datasheet HTML 3Page - Motorola, Inc MC33191P Datasheet HTML 4Page - Motorola, Inc MC33191P Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MC33191
MOTOROLA
5
MC33191
FUNCTIONNAL DESCRIPTION
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. ªTypicalº parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including ªTypicalsº
must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Application /System Performances
1. Reluctance sensor input.
- Minimum input level of 200mV peak to peak
- Maximum input level of 40V peak to peak
2. Hall sensor input
- Open collector output desirable.
- Input level of 0.5V to V
bat
3. Operating voltage range
- Normal range from 9V to 16V.
-Operational
range
with
some
modiÞcations
to
parameters from 6V to 24V.
4. Transient considerations
- Load dumps should not exceed +90V peak with 250ms
time constant.
- Field decay should not exceed -90V peak with 25ms
time constant.
5. Operating temperature range
- Continuous operation : -30
°C to 125°C
6. Rate of acceleration should not exceed 250Hz/s from
20Hz to 300Hz (input frequency). If this is exceeded the
module will still function but an occasional spark may be
missed and dwell calculations will be negated for one or two
output cycles.
7. Normal operating frequency range is from 1Hz to
400Hz.
Application features and functions
1. Power on : On initial power up there will be no output
current and this condition will be maintained until the Þrst
input cycle is run at the input terminals.
2. Push start capability : The unit may be push started as
any input signal exceeding 200mV peak to peak will produce
a peak
3. Stall shutdown : If for a period of 5 seconds no input
signal is present, the unit will shutdown and output current
will be reduced at a rate slow enough to present a spark.
4. Automatic switching from a slow speed to run mode at
a preset frequency.
- No separate start wire into module is required
- Switch occurs at approximatly 12Hz but can be
changed within a narrow region
5. Input noise immunity is provided by hysteresis on the
input comparator.
- 100mV of hysteresis is in slow speed mode
- 500mV of hysteresis in run mode
6. Dwell control is modiÞed under different operating
conditions.
- In slow speed mode dwell follows the duty cycle of the
input signal
- In normal run mode dwell is controlled at 16% of cycle
time plus coil rise time to current limit level.
- At high speed (determined by coil rise time) dwell is
75% of input cycle time.
7. Output current is normally 5.5 +/- 0.5 Amps. It can be
operated at higher or lower limits if required. (Not excluding
7.5 Amps).
8. Start Retard
On slow speed mode, a retard signal is generated that is
inversely proportional to input frequency. The retard is
nominally 4.8% at 1Hz, (related to input duty cycle) and can
be modiÞed to meet other application requirement.
9. High voltage on the output transistor is nominally
clamped at 350V but can be adjusted if necessary.
10. High Battery voltage operation
- At a battery voltage of 16V the dwell is modiÞed in run
speed to 10% of cycle time plus coil rise time.
- At a battery voltage of approximately 30V the module
will shutdown to prevent damages to the output devices.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33191P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33192 MOTOROLA-MC33192 Datasheet
315Kb / 12P
   MI-Bus Interface Stepper Motor Controller
MC33192DW MOTOROLA-MC33192DW Datasheet
315Kb / 12P
   MI-Bus Interface Stepper Motor Controller
MC33193 MOTOROLA-MC33193 Datasheet
262Kb / 8P
   Automotive Direction Indicator
logo
ARTSCHIP ELECTRONICS CO...
MC33193 ARTSCHIP-MC33193 Datasheet
385Kb / 8P
   Automotive Direction Indicator
logo
Motorola, Inc
MC33193D MOTOROLA-MC33193D Datasheet
262Kb / 8P
   Automotive Direction Indicator
More results

Similar Description - MC33191P

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
SPAL00325 SIPOWER-SPAL00325 Datasheet
950Kb / 2P
   Automotive Ignition Avalanche Diode
SPAL00340L SIPOWER-SPAL00340L Datasheet
478Kb / 2P
   Automotive Ignition Avalanche Diode
logo
ON Semiconductor
FAN1100-F085 ONSEMI-FAN1100-F085 Datasheet
269Kb / 10P
   Ignition Gate Driver IC
Aug-2018, Rev. 3
logo
SiPower Inc.
SPAL00340 SIPOWER-SPAL00340 Datasheet
1Mb / 2P
   Automotive Ignition Avalanche Diode
SPAL00310L SIPOWER-SPAL00310L Datasheet
676Kb / 2P
   Automotive Ignition Avalanche Diode
SPAL00315L SIPOWER-SPAL00315L Datasheet
567Kb / 2P
   Automotive Ignition Avalanche Diode
logo
ON Semiconductor
FGBS3040E1-F085 ONSEMI-FGBS3040E1-F085 Datasheet
591Kb / 9P
   Integrated Smart Ignition Coil Driver
September-2017, Rev. 2
logo
EIC discrete Semiconduc...
BYX134GPL EIC-BYX134GPL Datasheet
49Kb / 2P
   HIGH VOLTAGE AUTOMOTIVE IGNITION DIODE
logo
Renesas Technology Corp
GN4014ZB4LD RENESAS-GN4014ZB4LD_09 Datasheet
114Kb / 8P
   Silicon IGBT Ignition Coil Driver
logo
Freescale Semiconductor...
33812 FREESCALE-33812_10 Datasheet
510Kb / 25P
   Multifunctional Ignition and Injector Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com