Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUTA1J331 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEUTA1J331
Description  Radial Lead Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUTA1J331 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEUTA1J331 Datasheet HTML 1Page - Panasonic Semiconductor EEUTA1J331 Datasheet HTML 2Page - Panasonic Semiconductor EEUTA1J331 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ TA
– EE104 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+125 °C)
Imped-
ance
(100 kHz)
(+20 °C)
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
B
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
( )(mm)
(mm)
(mm)
(pcs)
(pcs)
50
1
8
11.5
352.00
0.6
3.5
5.0
EEUTA1H1R0( )
200
1000
2.2
8
11.550
1.80
0.6
3.5
5.0
EEUTA1H2R2( )
200
1000
3.3
8
11.5
60
1.50
0.6
3.5
5.0
EEUTA1H3R3( )
200
1000
4.7
8
11.5
85
1.15
0.6
3.5
5.0
EEUTA1H4R7( )
200
1000
10
8
11.5
180
0.950
0.6
3.5
5.0
EEUTA1H100( )
200
1000
22
8
11.5
250
0.650
0.6
3.5
5.0
EEUTA1H220( )
200
1000
33
8
11.5
300
0.450
0.6
3.5
5.0
EEUTA1H330( )
200
1000
47
8
11.5
440
0.350
0.6
3.5
5.0
EEUTA1H470S( )
200
1000
100
10
12.5
555
0.180
0.6
5.0
5.0
EEUTA1H101( )
200
500
220
10
20
930
0.100
0.6
5.0
5.0
EEUTA1H221( )
200
500
330
12.5
20
1330
0.070
0.6
5.0
5.0
EEUTA1H331( )
200
500
16
15
1450
0.088
0.8
7.5
7.5
EEUTA1H331S( )
100
250
470
12.5
25
1650
0.055
0.6
5.0
5.0
EEUTA1H471L( )
200
500
16
20
1650
0.053
0.8
7.5
7.5
EEUTA1H471( )
100
250
18
15
1710
0.075
0.8
7.5
7.5
EEUTA1H471S( )
100
250
1000
16
31.5
2430
0.031
0.8
7.5
EEUTA1H102
100
18
25
2350
0.032
0.8
7.5
7.5
EEUTA1H102S( )
100
250
63
22
8
11.5
310
0.470
0.6
3.5
5.0
EEUTA1J220( )
200
1000
33
10
12.5
410
0.360
0.6
5.0
5.0
EEUTA1J330( )
200
500
47
10
16
460
0.270
0.6
5.0
5.0
EEUTA1J470( )
200
500
12.5
12.5
650
0.240
0.6
5.0
5.0
EEUTA1J470S( )
200
500
100
10
20
680
0.205
0.6
5.0
5.0
EEUTA1J101( )
200
500
220
12.5
25
1325
0.100
0.6
5.0
5.0
EEUTA1J221L( )
200
500
16
20
1360
0.085
0.8
7.5
7.5
EEUTA1J221( )
100
250
18
15
1300
0.120
0.8
7.5
7.5
EEUTA1J221S( )
100
250
330
16
25
1660
0.070
0.8
7.5
7.5
EEUTA1J331( )
100
250
18
20
1760
0.077
0.8
7.5
7.5
EEUTA1J331S( )
100
250
470
16
31.5
2055
0.060
0.8
7.5
EEUTA1J471
100
18
25
1990
0.060
0.8
7.5
7.5
EEUTA1J471S( )
100
250
Endurance : 125 °C 2000 h
When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5 mm, 7.5 mm.
The taping dimensions are explained on p.178 of our Catalog. Please use it as a reference guide.
Feb. 2009
01


Similar Part No. - EEUTA1J331

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUTA1J331 PANASONIC-EEUTA1J331 Datasheet
70Kb / 3P
   Aluminum Electrolytic Capacitors
EEUTA1J331S PANASONIC-EEUTA1J331S Datasheet
70Kb / 3P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEUTA1J331

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
   Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
   Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
   Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
   Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
   Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
   Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
   Radial Lead Type
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
   Radial Lead Type
logo
Panasonic Battery Group
EEUFR0J151 PANASONICBATTERY-EEUFR0J151 Datasheet
131Kb / 6P
   Radial Lead Type
Mar. 2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com