Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17559 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 17559
Description  Micromotor Driver with Dual 3-Phase and Dual H-Bridge Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17559 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 17559 Datasheet HTML 3Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 4Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 5Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 9Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 10Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
17559
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions VM = 1.2 V, VDD = 2.4 V, VCRES = 6.8 V, 7.0 V ≤ VG ≤ 18 V, -20°C ≤ TA ≤ 65°C,
GND = 0 V unless otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal
conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER
Motor Supply Voltage (10)
VM
0.9
1.2
3.5
V
Logic Supply Voltage
VDD
1.8
2.4
3.5
V
Gate Drive Boost Voltage
VG
VM+5.0
9.0
V
Standby Power Supply Current (11)
Motor Supply Standby Current
Logic Supply Standby Current
Gate Drive Boost Voltage
IV
MSTBY
IV
DDSTBY
IV
GSTBY
1.0
1.0
1.0
µA
No Signal Input Supply Current (12)
Logic Supply Current
Gate Drive Boost Voltage
IV
DDN
IV
GN
30
75
60
120
µA
Active Supply Current (13)
Logic Supply Current
Gate Drive Boost Voltage
IV
DD
IV
G
50
0.54
100
0.65
µA
mA
Driver Output ON Resistance (14)
Three-Phase Drivers
H-Bridge Drivers
RDS(ON)3p
RDS(ON)hb
1.30
0.87
1.70
1.30
Low-Voltage Detector Voltage
Circuit Disable Voltage
Circuit Enable Voltage
VLOon
VLOoff
0.75
0.75
1.07
1.13
1.60
1.60
V
Notes
10.
VMU1, VMU2, VMVW1, VMVW2, VMF1, VMR1, VMF2, and VMR2 terminals.
11.
UI1, VI1, WI1, PWM1, UI2, VI2, WI2, PWM2, FI1, RI1, FI2, and RI2 are “L” (low) or “H” (high) when OE = “L” (low).
12.
UI1, VI1, WI1, PWM1, UI2, VI2, WI2, PWM2, FI1, RI1, FI2, and RI2 are “L” (low) or “H” (high) when OE = “H” (high).
13.
OE = ”H” (high), fPWM = 176.4 kHz, fUVM = 100 Hz, fIN = 88.2 kHz.
14.
Summary of top and bottom when IO = 100 mA.


Similar Part No. - 17559

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755901 PHOENIX-1755901 Datasheet
114Kb / 7P
   Base strip - MSTBVA 2,5/19-G-5,08
1755910 PHOENIX-1755910 Datasheet
48Kb / 2P
   PCB terminal block - PTSA 1,5/ 3-3,5-Z OG
1755914 PHOENIX-1755914 Datasheet
148Kb / 5P
   MSTBVA 2,5/20-G-5,08
1755927 PHOENIX-1755927 Datasheet
145Kb / 9P
   Printed-circuit board connector - MSTBVA 2,5/21-G-5,08
1755930 PHOENIX-1755930 Datasheet
111Kb / 7P
   Base strip - MSTBVA 2,5/22-G-5,08
More results

Similar Description - 17559

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC17559 NXP-MPC17559 Datasheet
178Kb / 2P
   Micromotor Driver with Dual 3-Phase and Dual H-Bridge Outputs
Rev. 2.0
logo
Motorola, Inc
MPC17550 MOTOROLA-MPC17550 Datasheet
389Kb / 15P
   Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
logo
New Japan Radio
NJM2670 NJRC-NJM2670 Datasheet
463Kb / 9P
   DUAL H BRIDGE DRIVER
logo
Texas Instruments
DRV8843 TI1-DRV8843_16 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver
logo
Rohm
BD6735FV ROHM-BD6735FV_15 Datasheet
1Mb / 16P
   Dual H-Bridge Driver
logo
Freescale Semiconductor...
17550 FREESCALE-17550 Datasheet
389Kb / 15P
   Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
TLE7182EM INFINEON-TLE7182EM Datasheet
604Kb / 28P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
logo
Texas Instruments
SN74LVC2G241 TI1-SN74LVC2G241_15 Datasheet
925Kb / 22P
[Old version datasheet]   Dual Buffer and Driver With 3-State Outputs
SN74LVC2G241 TI1-SN74LVC2G241_17 Datasheet
1,017Kb / 24P
[Old version datasheet]   Dual Buffer and Driver With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com