Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13783 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC13783
Description  Power Management and Audio Circuit
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13783 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC13783 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Signal Descriptions
MC13783 Technical Data, Rev. 3.5
10
Freescale Semiconductor
SIMEN
D19
LV
VSIM enable input
ESIMEN
F16
LV
VESIM enable input
VIBEN
E19
LV
VVIB enable input
REGEN
E18
LV
Regulator enable input
GPO1
G8
LV
General purpose output 1 to be used for enabling a discrete regulator
GPO2
F6
LV
General purpose output 2 to be used for enabling a discrete regulator
GPO3
E5
LV
General purpose output 3 to be used for enabling a discrete regulator
GPO4
G9
LV
General purpose output 4 to be used for enabling a discrete regulator
GNDREG1
N12
Ground for regulators 1
GNDREG2
K10
Ground for regulators 2
USB/RS232
UDP
C2
EMV
1. USB transceiver cable interface, D+
2. RS232 transceiver cable interface, transmit output or receive input signal
UDM
D2
EMV
1. USB transceiver cable interface, D-
2. RS232 transceiver cable interface, receive input or transmit output signal
UID
F7
EMV
USB on the go transceiver cable ID resistor connection
UDATVP
C5
LV
1. USB processor interface transmit data input (logic level version of D+/D-) or
transmit positive data input (logic level version of D+)
2. Optional USB processor interface receive data output (logic level version of D+/D-)
3. RS232 processor interface
USE0VM
C6
LV
1. USB processor interface transmit single ended zero signal input or transmit minus
data input (logic level version of D-)
2. Optional USB processor interface received single ended zero output
3. Optional RS232 processor interface
UTXENB
C4
LV
1. USB processor interface transmit enable bar
URCVD
B5
LV
Optional USB receiver processor interface differential data output (logic level version
of D+/D-)
URXVP
B3
LV
Optional USB receiver processor interface data output (logic level version of D+)
URXVM
B2
LV
1. Optional USB receiver processor interface data output (logic level version of D-)
2. Optional RS232 processor interface
UMOD0
H7
LV
USB transceiver operation mode selection at power up 0
UMOD1
G6
LV
USB transceiver operation mode selection at power up 1
USBEN
C3
LV
Bootmode enable for USB/RS232 interface
VINBUS
B4
EMV
Input for VBUS and VUSB regulators for USB on the go mode
Table 1. Pinout Listing (continued)
Pin
Location
Rating*
Function
* The maximum voltage rating is given per category of pins:
• EHV for Extended High Voltage (20 V)
• HV for High Voltage (7.5 V)
• EMV for Extended Medium Voltage (5.5 V)
• MV for Medium Voltage (4.65 V)
• LV for Low Voltage (3.1 V)


Similar Part No. - MC13783

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13783 FREESCALE-MC13783 Datasheet
610Kb / 50P
   Power Management and Audio Circuit
MC13783 FREESCALE-MC13783 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783VK FREESCALE-MC13783VK Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783VKR2 FREESCALE-MC13783VKR2 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
More results

Similar Description - MC13783

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13783VKR2 FREESCALE-MC13783VKR2 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783 FREESCALE-MC13783 Datasheet
610Kb / 50P
   Power Management and Audio Circuit
MC13783VK FREESCALE-MC13783VK Datasheet
3Mb / 50P
   Power Management and Audio Circuit
logo
ON Semiconductor
NCP2704 ONSEMI-NCP2704 Datasheet
784Kb / 28P
   Audio Management Integrated Circuit
November, 2010 ??Rev. 0
logo
ams AG
AS3658 AMSCO-AS3658_07 Datasheet
6Mb / 158P
   Power and Audio Management Unit for Portable Devices
AS3658 AMSCO-AS3658 Datasheet
148Kb / 3P
   Power and Audio Management Unit for Portable Devices
logo
Texas Instruments
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
[Old version datasheet]   Integrated Power Management/Audio Codec
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
logo
Texas Instruments
TPS65950A2ZXN TI-TPS65950A2ZXN Datasheet
1Mb / 171P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65951 TI1-TPS65951 Datasheet
1Mb / 170P
[Old version datasheet]   Integrated Power Management/Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com