Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETXB2P391JJ Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EETXB2P391JJ
Description  Snap-in Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETXB2P391JJ Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EETXB2P391JJ Datasheet HTML 1Page - Panasonic Semiconductor EETXB2P391JJ Datasheet HTML 2Page - Panasonic Semiconductor EETXB2P391JJ Datasheet HTML 3Page - Panasonic Semiconductor EETXB2P391JJ Datasheet HTML 4Page - Panasonic Semiconductor EETXB2P391JJ Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ XB
Standard Products
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
400
56
22
25
EETXB2G560HJ
0.51
0.15
200
68
22
30
EETXB2G680HJ
0.56
0.15
200
25
25
EETXB2G680JJ
0.56
0.15
200
82
22
35
EETXB2G820HJ
0.64
0.15
200
25
25
EETXB2G820JJ
0.64
0.15
200
100
22
35
EETXB2G101HJ
0.69
0.15
200
25
30
EETXB2G101JJ
0.69
0.15
200
120
22
40
EETXB2G121HJ
0.75
0.15
200
25
35
EETXB2G121JJ
0.75
0.15
200
30
25
EETXB2G121KJ
0.75
0.15
200
150
22
50
EETXB2G151HJ
0.82
0.15
200
25
40
EETXB2G151JJ
0.82
0.15
200
30
30
EETXB2G151KJ
0.82
0.15
200
180
25
45
EETXB2G181JJ
0.90
0.15
200
30
35
EETXB2G181KJ
0.90
0.15
100
35
25
EETXB2G181LJ
0.90
0.15
200
220
25
50
EETXB2G221JJ
1.00
0.15
200
30
40
EETXB2G221KJ
1.00
0.15
100
35
30
EETXB2G221LJ
1.00
0.15
200
270
30
45
EETXB2G271KJ
1.10
0.15
100
35
35
EETXB2G271LJ
1.10
0.15
100
330
30
50
EETXB2G331KJ
1.20
0.15
100
35
40
EETXB2G331LJ
1.20
0.15
100
390
35
45
EETXB2G391LJ
1.30
0.15
100
470
35
50
EETXB2G471LJ
1.40
0.15
100
450
39
22
25
EETXB2W390HJ
0.37
0.15
200
47
22
30
EETXB2W470HJ
0.40
0.15
200
56
22
35
EETXB2W560HJ
0.47
0.15
200
25
25
EETXB2W560JJ
0.47
0.15
200
68
22
40
EETXB2W680HJ
0.53
0.15
200
25
30
EETXB2W680JJ
0.53
0.15
200
82
22
45
EETXB2W820HJ
0.56
0.15
200
25
35
EETXB2W820JJ
0.56
0.15
200
30
25
EETXB2W820KJ
0.56
0.15
200
100
22
50
EETXB2W101HJ
0.64
0.15
200
25
40
EETXB2W101JJ
0.64
0.15
200
30
30
EETXB2W101KJ
0.64
0.15
200
120
25
45
EETXB2W121JJ
0.72
0.15
200
30
30
EETXB2W121KJ
0.72
0.15
200
150
25
50
EETXB2W151JJ
0.79
0.15
200
30
40
EETXB2W151KJ
0.79
0.15
100
35
30
EETXB2W151LJ
0.79
0.15
200
180
30
45
EETXB2W181KJ
0.87
0.15
100
35
35
EETXB2W181LJ
0.87
0.15
100
220
30
50
EETXB2W221KJ
1.00
0.15
100
35
40
EETXB2W221LJ
1.00
0.15
100
270
35
45
EETXB2W271LJ
1.19
0.15
100
330
35
50
EETXB2W331LJ
1.38
0.15
100
Endurance : 105 °C 7000 h, Terminal Pitch : 10 mm
✽ When capacitors of φ35 45L and φ35 50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
Jul. 2008


Similar Part No. - EETXB2P391JJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETXB2D102D PANASONIC-EETXB2D102D Datasheet
435Kb / 37P
   Large Can Aluminum Electrolytic Capacitors
EETXB2D102E PANASONIC-EETXB2D102E Datasheet
435Kb / 37P
   Large Can Aluminum Electrolytic Capacitors
EETXB2D122D PANASONIC-EETXB2D122D Datasheet
435Kb / 37P
   Large Can Aluminum Electrolytic Capacitors
EETXB2D122E PANASONIC-EETXB2D122E Datasheet
435Kb / 37P
   Large Can Aluminum Electrolytic Capacitors
EETXB2D152E PANASONIC-EETXB2D152E Datasheet
435Kb / 37P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - EETXB2P391JJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com