Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUFB1C332L Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EEUFB1C332L
Description  Radial Lead Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFB1C332L Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EEUFB1C332L Datasheet HTML 1Page - Panasonic Semiconductor EEUFB1C332L Datasheet HTML 2Page - Panasonic Semiconductor EEUFB1C332L Datasheet HTML 3Page - Panasonic Semiconductor EEUFB1C332L Datasheet HTML 4Page - Panasonic Semiconductor EEUFB1C332L Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Aluminium Electrolytic Capacitors/FB
Ñ EE79 Ñ
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
50
When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5mm, 7.5mm.
H=2.5mm.
The taping dimentions are explained on P.25 of our Catalog. Please use it as a reference guide.
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(hours)
s
hB
hH
Lead Space
Part No.
Specification
Dia.
Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
W.V.
Straight
Min.PackagingQ'ty
Standard Products
Taping
Taping
Ripple
current
(100kHz)
(+105
°C)
Lead Length
Straight
Leads
Imped-
ance
(100kHz)
(+20
ûC)
(m A )
(
Ω)
(mm)
330
10
30
1150
0.090
2000
0.6
5.0
EEUFB1H331L
100
12.5
20
1120
0.086
2000
0.6
5.0
5.0
EEUFB1H331( )
200
500
470
12.5
25
1350
0.070
2000
0.6
5.0
5.0
EEUFB1H471( )
200
500
560
12.5
30
1560
0.062
2000
0.8
5.0
EEUFB1H561
100
680
12.5
35
1780
0.050
2000
0.8
5.0
EEUFB1H681L
100
16
20
1380
0.072
2000
0.8
7.5
7.5
EEUFB1H681( )
100
250
820
12.5
40
1980
0.043
2000
0.8
5.0
EEUFB1H821L
100
16
25
1600
0.060
2000
0.8
7.5
7.5
EEUFB1H821( )
100
250
18
20
1600
0.062
2000
0.8
7.5
7.5
EEUFB1H821S( )
100
250
1000
16
31.5
1850
0.052
2000
0.8
7.5
EEUFB1H102
100
18
25
1860
0.052
2000
0.8
7.5
7.5
EEUFB1H102S( )
100
250
1200
16
35.5
2040
0.044
2000
0.8
7.5
EEUFB1H122
100
1500
16
40
2320
0.036
2000
0.8
7.5
EEUFB1H152L
100
18
31.5
2050
0.046
2000
0.8
7.5
EEUFB1H152
50
1800
18
35.5
2250
0.040
2000
0.8
7.5
EEUFB1H182
50
2200
18
40
2470
0.036
2000
0.8
7.5
EEUFB1H222
50
Endur-
ance
Mar. 2005


Similar Part No. - EEUFB1C332L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFC0J101 PANASONIC-EEUFC0J101 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC0J101 PANASONIC-EEUFC0J101 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC0J101 PANASONIC-EEUFC0J101 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC0J101 PANASONIC-EEUFC0J101 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC0J101 PANASONIC-EEUFC0J101 Datasheet
208Kb / 10P
   Radial Lead Type
More results

Similar Description - EEUFB1C332L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
   Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
   Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
   Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
   Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
   Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
   Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
   Radial Lead Type
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
   Radial Lead Type
logo
Panasonic Battery Group
EEUFR0J151 PANASONICBATTERY-EEUFR0J151 Datasheet
131Kb / 6P
   Radial Lead Type
Mar. 2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com