Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECEC1EP822BJ Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ECEC1EP822BJ
Description  Snap-in Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1EP822BJ Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button ECEC1EP822BJ Datasheet HTML 3Page - Panasonic Semiconductor ECEC1EP822BJ Datasheet HTML 4Page - Panasonic Semiconductor ECEC1EP822BJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC1EP822BJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC1EP822BJ Datasheet HTML 7Page - Panasonic Semiconductor ECEC1EP822BJ Datasheet HTML 8Page - Panasonic Semiconductor ECEC1EP822BJ Datasheet HTML 9Page - Panasonic Semiconductor ECEC1EP822BJ Datasheet HTML 10Page - Panasonic Semiconductor ECEC1EP822BJ Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Aluminum Electrolytic Capacitors/ UP
 EE180 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
n
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
Min.Packaging Q'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
Endurance : 85
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
180
2200
35
50
4.92
0.15
ECEC2PP222EJ
100
270
22
25
1.41
0.15
ECEC2DP271BJ
200
330
22
30
1.56
0.15
ECEC2DP331BJ
200
25
25
1.56
0.15
ECEC2DP331CJ
200
390
22
30
1.68
0.15
ECEC2DP391BJ
200
25
25
1.68
0.15
ECEC2DP391CJ
200
470
22
35
1.85
0.15
ECEC2DP471BJ
200
25
30
1.85
0.15
ECEC2DP471CJ
200
30
25
1.85
0.15
ECEC2DP471DJ
200
560
22
40
2.43
0.15
ECEC2DP561BJ
200
25
35
2.43
0.15
ECEC2DP561CJ
200
30
25
2.43
0.15
ECEC2DP561DJ
200
200
680
22
45
2.68
0.15
ECEC2DP681BJ
200
25
35
2.68
0.15
ECEC2DP681CJ
200
30
30
2.68
0.15
ECEC2DP681DJ
200
820
25
45
2.93
0.15
ECEC2DP821CJ
200
30
35
2.93
0.15
ECEC2DP821DJ
100
35
25
2.93
0.15
ECEC2DP821EJ
200
1000
25
50
3.25
0.15
ECEC2DP102CJ
200
30
40
3.25
0.15
ECEC2DP102DJ
100
35
30
3.25
0.15
ECEC2DP102EJ
200
1200
30
45
3.50
0.15
ECEC2DP122DJ
100
35
35
3.50
0.15
ECEC2DP122EJ
100
1500
30
50
3.87
0.15
ECEC2DP152DJ
100
35
40
3.87
0.15
ECEC2DP152EJ
100
1800
35
45
4.32
0.15
ECEC2DP182EJ
100
2200
35
50
4.92
0.15
ECEC2DP222EJ
100
180
22
25
1.07
0.15
ECEC2EP181BJ
200
220
22
30
1.17
0.15
ECEC2EP221BJ
200
25
25
1.17
0.15
ECEC2EP221CJ
200
270
22
30
1.31
0.15
ECEC2EP271BJ
200
25
25
1.31
0.15
ECEC2EP271CJ
200
330
22
35
1.75
0.15
ECEC2EP331BJ
200
25
30
1.75
0.15
ECEC2EP331CJ
200
250
30
25
1.75
0.15
ECEC2EP331DJ
200
390
22
40
1.91
0.15
ECEC2EP391BJ
200
25
35
1.91
0.15
ECEC2EP391CJ
200
30
25
1.91
0.15
ECEC2EP391DJ
200
470
22
45
2.11
0.15
ECEC2EP471BJ
200
25
40
2.11
0.15
ECEC2EP471CJ
200
30
30
2.11
0.15
ECEC2EP471DJ
200
560
25
45
2.25
0.15
ECEC2EP561CJ
200
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)


Similar Part No. - ECEC1EP822BJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1EP822BA PANASONIC-ECEC1EP822BA Datasheet
193Kb / 10P
   Aluminum Electrolytic Capacitors
ECEC1EP822BA PANASONIC-ECEC1EP822BA Datasheet
193Kb / 10P
   Panasonic Industrial Company
ECEC1EP822BA PANASONIC-ECEC1EP822BA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
More results

Similar Description - ECEC1EP822BJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com