Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETUQ1C333JJ Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # EETUQ1C333JJ
Description  Snap-in Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ1C333JJ Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button EETUQ1C333JJ Datasheet HTML 3Page - Panasonic Semiconductor EETUQ1C333JJ Datasheet HTML 4Page - Panasonic Semiconductor EETUQ1C333JJ Datasheet HTML 5Page - Panasonic Semiconductor EETUQ1C333JJ Datasheet HTML 6Page - Panasonic Semiconductor EETUQ1C333JJ Datasheet HTML 7Page - Panasonic Semiconductor EETUQ1C333JJ Datasheet HTML 8Page - Panasonic Semiconductor EETUQ1C333JJ Datasheet HTML 9Page - Panasonic Semiconductor EETUQ1C333JJ Datasheet HTML 10Page - Panasonic Semiconductor EETUQ1C333JJ Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ UQ
Standard Products
Endurance : 85 °C 2000 h, Terminal Pitch : 10 mm
✽ When capacitors of φ35 45L and φ35 50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
250
270
22
25
EETUQ2E271HJ
1.31
0.15
200
330
22
30
EETUQ2E331HJ
1.75
0.15
200
390
22
30
EETUQ2E391HJ
1.91
0.15
200
25
25
EETUQ2E391JJ
1.91
0.15
200
470
22
35
EETUQ2E471HJ
2.11
0.15
200
25
30
EETUQ2E471JJ
2.11
0.15
200
560
22
40
EETUQ2E561HJ
2.25
0.15
200
25
30
EETUQ2E561JJ
2.25
0.15
200
30
25
EETUQ2E561KJ
2.25
0.15
200
680
22
45
EETUQ2E681HJ
2.50
0.15
200
25
35
EETUQ2E681JJ
2.50
0.15
200
30
30
EETUQ2E681KJ
2.50
0.15
200
820
22
50
EETUQ2E821HJ
2.77
0.15
200
25
40
EETUQ2E821JJ
2.77
0.15
200
30
30
EETUQ2E821KJ
2.77
0.15
200
35
25
EETUQ2E821LJ
2.77
0.15
200
1000
25
45
EETUQ2E102JJ
3.32
0.15
200
30
35
EETUQ2E102KJ
3.32
0.15
100
35
30
EETUQ2E102LJ
3.32
0.15
200
1200
30
40
EETUQ2E122KJ
3.53
0.15
100
35
35
EETUQ2E122LJ
3.53
0.15
100
1500
30
50
EETUQ2E152KJ
4.04
0.15
100
35
40
EETUQ2E152LJ
4.04
0.15
100
1800
35
45
EETUQ2E182LJ
4.55
0.15
100
2200
35
50
EETUQ2E222LJ
4.75
0.15
100
315
180
22
25
EETUQ2F181HJ
1.21
0.15
200
220
22
30
EETUQ2F221HJ
1.41
0.15
200
270
22
30
EETUQ2F271HJ
1.60
0.15
200
330
22
40
EETUQ2F331HJ
1.82
0.15
200
25
30
EETUQ2F331JJ
1.82
0.15
200
30
25
EETUQ2F331KJ
1.82
0.15
200
390
22
45
EETUQ2F391HJ
2.01
0.15
200
25
35
EETUQ2F391JJ
2.01
0.15
200
30
30
EETUQ2F391KJ
2.01
0.15
200
470
22
50
EETUQ2F471HJ
2.27
0.15
200
25
40
EETUQ2F471JJ
2.27
0.15
200
30
30
EETUQ2F471KJ
2.27
0.15
200
35
25
EETUQ2F471LJ
2.27
0.15
200
560
25
45
EETUQ2F561JJ
2.56
0.15
200
30
35
EETUQ2F561KJ
2.56
0.15
100
35
30
EETUQ2F561LJ
2.56
0.15
200
680
30
40
EETUQ2F681KJ
2.87
0.15
100
35
35
EETUQ2F681LJ
2.87
0.15
100
820
30
45
EETUQ2F821KJ
3.25
0.15
100
35
40
EETUQ2F821LJ
3.25
0.15
100
1000
30
50
EETUQ2F102KJ
3.63
0.15
100
35
45
EETUQ2F102LJ
3.63
0.15
100
Jul. 2008


Similar Part No. - EETUQ1C333JJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ1C333JJ PANASONIC-EETUQ1C333JJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
More results

Similar Description - EETUQ1C333JJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com