Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECA0JMH471 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECA0JMH471
Description  Radial Lead Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA0JMH471 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECA0JMH471 Datasheet HTML 1Page - Panasonic Semiconductor ECA0JMH471 Datasheet HTML 2Page - Panasonic Semiconductor ECA0JMH471 Datasheet HTML 3Page - Panasonic Semiconductor ECA0JMH471 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Aluminium Electrolytic Capacitors/MH
— EE98 —
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
35
63
When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5mm, 7.5mm.
i=2.5mm.
The taping dimensions are explained on p.25 of our Catalog. Please use it as a reference guide.
Endurance : 105
°C 1000 h
(mm)
i
i
n
(mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mA)
(V)
i
B
Specification
Dia. Length
Case size
Cap.
(±20%)
Lead
Dia.
W.V.
Straight
Taping
Taping
Ripple
current
(120Hz)
(+105
°C)
Lead Length
Straight
Leads
Lead Space
Part No.
Taping
Min.Packaging Q'ty
Standard Products
100
6.3 11.2
154
0.18
0.5
2.5
5.0
2.5
ECA1VMH101( )
200
2000
220
8
11.5
239
0.18
0.6
3.5
5.0
ECA1VMH221( )
200
1000
330
10
12.5
278
0.18
0.6
5.0
5.0
ECA1VMH331( )
200
500
470
10
16
349
0.18
0.6
5.0
5.0
ECA1VMH471( )
200
500
1000
12.5 20
586
0.18
0.6
5.0
5.0
ECA1VMH102( )
200
500
2200
16
25
989
0.20
0.8
7.5
7.5
ECA1VMH222( )
100
250
3300
16
31.5
1240
0.22
0.8
7.5
ECA1VMH332
100
4700
18
35.5
1600
0.24
0.8
7.5
ECAIVMH472
50
0. 1
5
11
1.3
0.16
0.5
2.0
5.0
2.5
ECA1HMH0R1( )
200
2000
0.22 5
11
2.6
0.16
0.5
2.0
5.0
2.5
ECA1HMHR22( )
200
2000
0.33 5
11
4.4
0.16
0.5
2.0
5.0
2.5
ECA1HMHR33( )
200
2000
0.47 5
11
5
0.16
0.5
2.0
5.0
2.5
ECA1HMHR47( )
200
2000
1
5
11
10
0.16
0.5
2.0
5.0
2.5
ECA1HMH010( )
200
2000
2 . 2
5
11
20
0.16
0.5
2.0
5.0
2.5
ECA1HMH2R2( )
200
2000
3.3
5
11
30
0.16
0.5
2.0
5.0
2.5
ECA1HMH3R3( )
200
2000
4.7
5
11
30
0.16
0.5
2.0
5.0
2.5
ECA1HMH4R7( )
200
2000
10
5
11
46
0.16
0.5
2.0
5.0
2.5
ECA1HMH100( )
200
2000
50
22
5
11
55
0.16
0.5
2.0
5.0
2.5
ECA1HMH220( )
200
2000
33
5
11
66
0.16
0.5
2.0
5.0
2.5
ECA1HMH330( )
200
2000
47
6.3 11.2
87
0.16
0.5
2.5
5.0
2.5
ECA1HMH470( )
200
2000
100
8
11.5
169
0.16
0.6
3.5
5.0
ECA1HMH101( )
200
1000
220
10
12.5
234
0.16
0.6
5.0
5.0
ECA1HMH221( )
200
500
330
10
16
293
0.16
0.6
5.0
5.0
ECA1HMH331( )
200
500
470
10
20
370
0.16
0.6
5.0
5.0
ECA1HMH471( )
200
500
1000
12.5 25
659
0.16
0.6
5.0
5.0
ECA1HMH102( )
200
500
2200
16
31.5
1083
0.18
0.8
7.5
ECA1HMH222
100
3300
18
35.5
1431
0.20
0.8
7.5
ECA1HMH332
50
10
5
11
46
0.14
0.5
2.0
5.0
2.5
ECA1JMH100( )
200
2000
22
5
11
55
0.14
0.5
2.0
5.0
2.5
ECA1JMH220( )
200
2000
33
6.3 11.2
71
0.14
0.5
2.5
5.0
2.5
ECA1JMH330( )
200
2000
47
6.3 11.2
94
0.14
0.5
2.5
5.0
2.5
ECA1JMH470( )
200
2000
100
10
12.5
180
0.14
0.6
5.0
5.0
ECA1JMH101( )
200
500
220
10
16
292
0.14
0.6
5.0
5.0
ECA1JMH221( )
200
500
330
10
20
381
0.14
0.6
5.0
5.0
ECA1JMH331( )
200
500
470
12.5 20
454
0.14
0.6
5.0
5.0
ECA1JMH471( )
200
500
1000
16
25
707
0.14
0.8
7.5
7.5
ECA1JMH102( )
100
250
2200
18
35.5
1074
0.16
0.8
7.5
ECA1JMH222
50
0.47
5
11
10
0.12
0.5
2.0
5.0
2.5
ECA2AMHR47( )
200
2000
1
5
11
20
0.12
0.5
2.0
5.0
2.5
ECA2AMH010( )
200
2000
100
2.2
5
11
30
0.12
0.5
2.0
5.0
2.5
ECA2AMH2R2( )
200
2000
3.3
5
11
30
0.12
0.5
2.0
5.0
2.5
ECA2AMH3R3( )
200
2000
4.7
5
11
30
0.12
0.5
2.0
5.0
2.5
ECA2AMH4R7( )
200
2000
tan
δ
(120Hz)
(+20
°C)
Mar. 2005


Similar Part No. - ECA0JMH471

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECA0JM101 ETC2-ECA0JM101 Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
ECA0JM101 ETC2-ECA0JM101 Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
Panasonic Semiconductor
ECA0JM102 PANASONIC-ECA0JM102 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA0JM102 PANASONIC-ECA0JM102 Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA0JM102 PANASONIC-ECA0JM102 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
More results

Similar Description - ECA0JMH471

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
   Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
   Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
   Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
   Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
   Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
   Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
   Radial Lead Type
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
   Radial Lead Type
logo
Panasonic Battery Group
EEUFR0J151 PANASONICBATTERY-EEUFR0J151 Datasheet
131Kb / 6P
   Radial Lead Type
Mar. 2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com