Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEVTA1H100P Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEVTA1H100P
Description  Surface Mount Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVTA1H100P Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEVTA1H100P Datasheet HTML 1Page - Panasonic Semiconductor EEVTA1H100P Datasheet HTML 2Page - Panasonic Semiconductor EEVTA1H100P Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Aluminum Electrolytic Capacitors/TA
 EE49 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Apr. 2005
The taping dimensions are explained on p.187 of our Catalog.
Please use it as a reference guide.
Endurance : 125
°C 1000h
Reflow profile(Fig-1 to Fig-5) listed on the last page.
16
25
50
100
220
330
100
220
47
100
33
47
100
10
22
33
47
8
8
10
8
10
8
8
8
8
10
8
8
8
10
6.2
10.2
10.2
10.2
10.2
6.2
10.2
6.2
10.2
10.2
6.2
6.2
10.2
10.2
E
F
G
F
G
E
F
E
F
G
E
E
F
G
62
93
118
89
113
56
84
53
79
101
25
50
74
94
0.32
0.32
0.32
0.24
0.24
0.21
0.21
0.18
0.18
0.18
0.18
0.18
0.18
0.18
EEVTA1A101P
EEVTA1A221P
EEVTA1A331P
EEVTA1C101P
EEVTA1C221P
EEVTA1E470P
EEVTA1E101P
EEVTA1V330P
EEVTA1V470P
EEVTA1V101P
EEVTA1H100P
EEVTA1H220P
EEVTA1H330P
EEVTA1H470P
1000
500
500
500
500
1000
500
1000
500
500
1000
1000
500
500
10
35
tan
δ
(120Hz)
(+20
°C)
(V)
n
(µF)
(mm)
(mm)
(m A )
Specification
Dia.
Length
Taping
Case size
Cap.
(±20%)
W.V.
Ripple
current
(100kHz)
(+125
°C)
Standard Products
Size
Code
Min.
Packaging
Q'ty
(pcs)
Part No.
(RoHS:
not compliant)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)


Similar Part No. - EEVTA1H100P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVTB1A101P PANASONIC-EEVTB1A101P Datasheet
62Kb / 3P
   Surface Mount Type
EEVTB1A221P PANASONIC-EEVTB1A221P Datasheet
62Kb / 3P
   Surface Mount Type
EEVTB1A331P PANASONIC-EEVTB1A331P Datasheet
62Kb / 3P
   Surface Mount Type
EEVTB1C101P PANASONIC-EEVTB1C101P Datasheet
62Kb / 3P
   Surface Mount Type
EEVTB1C221P PANASONIC-EEVTB1C221P Datasheet
62Kb / 3P
   Surface Mount Type
More results

Similar Description - EEVTA1H100P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com