Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2000.0011 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 2000.0011
Description  Surface Mount Fuse, 10.1 x 3.22 mm, Time-Lag T, Telecom
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

2000.0011 Datasheet(HTML) 4 Page - Schurter Inc.

  2000.0011 Datasheet HTML 1Page - Schurter Inc. 2000.0011 Datasheet HTML 2Page - Schurter Inc. 2000.0011 Datasheet HTML 3Page - Schurter Inc. 2000.0011 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image

Telecom Fuses
TF 600
www.schurter.com/pg0_3
Fuses
3. Use Agency Specification based on the requirement
Lighting Surge Specifications
Surges are short-duration increases in system voltage due to external events, such as lightning
Telcordia
First Level
First Level
First Level
First Level
First Level
Second Level
GR-1089
Test 1
Test 2
Test 3
Test 4
Test 5
Test 1
Surge Voltage [V]
600
1000
1000
2500
1000
6000
Surge Current [A]
100
100
100
500
25
500
Waveform [us]
10x1000
10x360
10x1000
2x10
10x360
2x10
Repetitions [each polarity]
25
25
25
10
5
1
2000.0010.xx, 0.5 A
*
*
*
*
2000.0011.xx, 1.25 A
2000.0012.xx, 2.0 A
Equipment under test can not be damaged & must continue to operate properly
* If sufficient series resistance is used, the 0.5 A fuse may pass Test 1-4
TIA-968-A
Type A
Type A
Type B
Type B
(former FCC Part 68) Metallic
Longitudinal
Metallic
Longitudinal
Surge Voltage [V]
800
1500
1000
1500
Surge Current [A]
100
200
25
37.5
Waveform [us]
10x560
10x160
5x320
5x320
Repetitions [each polarity]
1
1
1
1
2000.0010.xx, 0.5 A
Fuse open
Fuse open
2000.0011.xx, 1.25 A
2000.0012.xx, 2.0 A
Fuse can not open during type B events
ITU-T K.20
Test
Surge Voltage [V]
1000
Surge Current [A]
67
Waveform [us]
10x700
Repetitions [each polarity]
10
2000.0010.xx, 0.5 A
26 A*
2000.0011.xx, 1.25 A
2000.0012.xx, 2.0 A
Fuse does not open during test
* If sufficient series resistance is used, the 0.5 A fuse may pass
Power Cross Specifications
A power-cross is an instance where a high-voltage circuit is inadvertently connected to a low-voltage circuit;
for example, a power line can fall onto a telephone line during a storm initiating a power-cross event.
Telcordia
First Level
First Level
First Level First Level
First Level First Level
First Level First Level First Level
GR-1089
Test 1
Test 2
Test 3
Test 4
Test 5
Test 6
Test 7
Test 8
Test 9
Voltage [Vrms]
50
100
200, 400, 600
1000
see GR-1089
600
440
600
1000
Overload Current [A]
0.33
0.17
1
1
0.5
2.2
3
5
Duration
15 min.
15 min.
60x1 s
60x1 s
60x5 s
30 s
5x2 s
1.1 s
0.5 s
2000.0010.xx, 0.5 A
2000.0011.xx, 1.25 A
2000.0012.xx, 2.0 A
Fuse not allowed to open
Telcordia
Second Level Second Level Second Level Second Level Second Level
GR-1089
Test 1
Test 2
Test 3
Test 4
Test 5
Voltage [Vrms]
120, 277
600
600
100-600
see GR-1089
Overload Current [A]
25
60
7
2.2
Duration
15 min.
5 s
5 s
15 min.
15 min.
2000.0010.xx, 0.5 A
2000.0011.xx, 1.25 A
*
2000.0012.xx, 2.0 A
*
Fuse opens in a safe and controlled manner before wiring simulator fuse (MDL 2.0)
* Fuse does not open during test
ITU-T K.20
Power
Power
Induction Contact
Voltage [Vrms]
300
250
Current [A]
0.5
60
Duration
200 ms
15 min.
Repetitions
5
1
2000.0010.xx, 0.5 A ✓
*
2000.0011.xx, 1.25 A ✓
*
2000.0012.xx, 2.0 A ✓
*
Fuse does not open during test
* Fuse opens during test
UL 60950
Longitudinal Longitudinal
Longitudinal
Longitudinal Longitudinal
Metallic
Metallic
Metallic
Metallic
IEC 60950
Test 1
Test 2
Test 3
Test 4
Test 5
Test 1
Test 2
Test 3
Test 4
Voltage [V]
600
600
600
200
120
600
600
600
600
Current [A]
40
7
2.2
2.2
25
40
7
2.2
2.2
Time
1.5 s
5 s
30 min.
30 min.
30 min.
1.5 s
5 s
30 min.
30 min.
2000.0010.xx, 0.5 A
2000.0011.xx, 1.25 A
*
*
*
*
2000.0012.xx, 2.0 A
*
*
*
*
Fuse opens in a safe and controlled manner before wiring simulator fuse (MDL 2.0)
* Fuse does not open during test
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 2000.0011

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
2000 CDE-2000 Datasheet
107Kb / 1P
   Snubber Capacitors Oil-Filled, Metallic Case for Snubber Applications
logo
Christian Bürkert GmbH ...
2000 BURKERT-2000 Datasheet
1Mb / 11P
   4/2 way Solenoid Valve for pneumatics
20.11.2019
logo
Make-Ps
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
logo
Keysight Technologies
2000 KEYSIGHT-2000 Datasheet
2Mb / 24P
   InfiniiVision 2000 X-Series Oscilloscopes
logo
3M Electronics
2000 3M-2000 Datasheet
15Kb / 2P
   2000 Electrician?셲 Duct Tape
More results

Similar Description - 2000.0011

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TF600 SCHURTER-TF600_V01 Datasheet
1Mb / 4P
   Surface Mount Fuse, 10.1 x 3.22 mm, Time-Lag T, Telecom
21.11.2013
UMT SCHURTER-UMT Datasheet
546Kb / 3P
   Surface Mount Fuse, 10.1 x 3 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250_V02 Datasheet
487Kb / 5P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
UMT250 SCHURTER-UMT250 Datasheet
350Kb / 3P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250_18 Datasheet
476Kb / 5P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
20400609 SCHURTER-20400609 Datasheet
451Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom
OMT SCHURTER-OMT Datasheet
426Kb / 2P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC
FSU5X20 SCHURTER-FSU5X20 Datasheet
207Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
FSU5X20 SCHURTER-FSU5X20_V01 Datasheet
217Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
17.10.2018
20200001 SCHURTER-20200001 Datasheet
306Kb / 2P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, H, 250 VAC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com